データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R63XH-R

  • AI
    The **M5R63XH-R** is a specific part number belonging to the family of **Magnetoresistive Random Access Memory (MRAM)**, manufactured by **Everspin Technologies**. MRAM is a non-volatile memory technology that uses magnetic states to store data rather than electrical charges. --- ## 1. Core Specifications The M5R63XH-R is characterized by its high endurance and data retention capabilities. | Feature | Specification | | :--- | :--- | | **Memory Type** | STT-MRAM (Spin-Transfer Torque) | | **Density** | 1 Gb (1 Gigabit) | | **Interface** | DDR4 (Double Data Rate 4) | | **Voltage (VDD)** | 1.2V | | **Operating Temp** | 0°C to +85°C (Commercial Grade) | | **Package** | FBGA (Fine-pitch Ball Grid Array) | --- ## 2. Key Electronic Characteristics ### A. Non-Volatility with RAM Speed Unlike standard DRAM, which loses data when power is removed, the M5R63XH-R retains data indefinitely. However, it operates at speeds comparable to DDR4 SDRAM, making it a "Universal Memory" solution. ### B. High Endurance MRAM offers virtually unlimited read/write cycles (typically $>10^{14}$), which is significantly higher than NAND Flash or EEPROM. This makes it ideal for heavy logging or frequently updated data sets. ### C. Byte-Addressability Unlike Flash memory, which requires erasing blocks of data before writing, this MRAM part allows for byte-level access. This reduces software overhead and latency in critical systems. --- ## 3. Pinout and Integration Because this part uses a **DDR4 interface**, it is electronically compatible with standard DDR4 memory controllers found in FPGAs (like Xilinx UltraScale) and high-end processors. ```c // Pseudo-code representation of initializing an MRAM controller void init_mram() { config_ddr4_params(); // Set timings to match M5R63XH-R set_voltage(1.2); // Ensure VDD/VDDQ is stable perform_mram_training(); // Standard DDR4 signal training } ``` --- ## 4. Typical Applications * **Enterprise Storage:** Used for write buffers and journaling to prevent data loss during power failures. * **Industrial Automation:** Storing critical state variables in PLC systems. * **Edge Computing:** Acting as a fast cache for AI/ML inference where data persistence is required at the edge.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between STT-MRAM and standard NVMe Flash?
    • ⤷ How does the power consumption of M5R63XH-R compare to standard DDR4?
    • ⤷ Can this part be used as a direct drop-in replacement for a DDR4 DRAM chip?