データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R64TH-R

  • AI
    The **M5R64TH-R** is a high-performance power inductor, typically manufactured by companies like **Coilcraft** or **Cyntec**. It is primarily designed for high-density power conversion modules, voltage regulator modules (VRMs), and server applications. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Below are the standard electronic characteristics for this series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.56 – 0.64 (Model dependent) | µH | | **Tolerance** | ±20% | % | | **DCR (Direct Current Resistance)** | ~0.20 – 0.35 | mΩ | | **Isat (Saturation Current)** | 50 – 80 | A | | **Irms (Heating Current)** | 40 – 60 | A | | **Operating Temperature** | -40 to +125 | °C | --- ## 2. Core Material and Construction The M5R64TH-R utilizes advanced materials to handle extreme current loads in a small footprint: * **Metal Composite Core:** Unlike traditional ferrite cores, these use a metal powder composite. This allows for **soft saturation** characteristics (the inductance drops gradually rather than abruptly when current increases). * **Magnetic Shielding:** The molded construction provides inherent electromagnetic interference (EMI) shielding, reducing noise in sensitive circuits. * **Flat Wire Technology:** It often uses flat copper wire to minimize skin effect and lower the DCR, which improves overall efficiency. --- ## 3. Key Electronic Functions ### A. Energy Storage It stores energy in a magnetic field during the "ON" cycle of a switching regulator and releases it during the "OFF" cycle to maintain a steady output current. ### B. High Current Handling Due to its very low DCR (measured in milliohms), it can handle massive currents (up to 80A peaks) without overheating, making it ideal for modern CPU and GPU power phases. ### C. Ripple Filtering It works in conjunction with output capacitors to smooth out the high-frequency switching noise produced by DC-DC converters. --- ## 4. Typical Applications 1. **Server/Data Centers:** Powering high-end processors. 2. **Graphic Cards:** Providing stable voltage to GPUs. 3. **DC/DC Converters:** Point-of-Load (POL) modules. 4. **Telecommunications:** High-current base station power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'soft saturation' in this inductor compared to ferrite cores?
    • ⤷ How does the flat wire construction affect the DCR and efficiency of the M5R64TH-R?
    • ⤷ Can this part be used in automotive applications
    • ⤷ or is it strictly for commercial/industrial use?