データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R65RHJ-R

  • AI
    The **M5R65RHJ-R** is a high-performance **Power Inductor** (specifically a Metal Composite Inductor) manufactured by companies like **ITG Electronics**. It is designed for high-density power applications, such as Point-of-Load (POL) converters, voltage regulator modules (VRMs), and server power supplies. --- ### 1. Key Technical Specifications The part number typically breaks down into specific electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 65 nH (Nanohenries) | | **Tolerance** | ±10% or ±20% (depending on specific binning) | | **Saturation Current ($I_{sat}$)** | Very High (Typically > 80A - 100A+) | | **DCR (Direct Current Resistance)** | Ultra-low (often < 0.2 mΩ) | | **Core Material** | Metal Alloy / Carbonyl Powder | | **Package Type** | Surface Mount Device (SMD) | --- ### 2. Physical and Material Construction The "M" prefix usually denotes a **Metal Composite** structure. Unlike traditional ferrite inductors, these parts are made by pressing metal powder around a copper coil. * **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly when current limits are reached, this material has a "soft" saturation curve, providing better safety margins. * **Thermal Stability:** These inductors maintain stable performance over a wide temperature range (typically -55°C to +125°C). * **Shielding:** The molded construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Application Areas Because of its high current handling and low profile, the M5R65RHJ-R is found in: 1. **High-Phase Count VRMs:** Used in CPU/GPU power delivery for data centers and gaming PCs. 2. **DC-DC Converters:** High-frequency switching regulators where efficiency is critical. 3. **Telecommunications:** Power modules for 5G infrastructure. --- ### 4. Comparison: Ferrite vs. Metal Composite | Feature | Ferrite Inductor | Metal Composite (M5R65RHJ-R) | | :--- | :--- | :--- | | **Saturation** | Sharp/Abrupt | Soft/Gradual | | **Acoustic Noise** | Prone to buzzing | Very Low (Molded structure) | | **Size** | Larger for high current | Compact/High Density | | **EMI** | Requires external shielding | Self-shielded |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M5R65RHJ-R?
    • ⤷ Can you explain the significance of the '65R' in the part number?
    • ⤷ How does 'Soft Saturation' benefit a high-current power circuit?