データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R65ZPJ-R

  • AI
    The **M5R65ZPJ-R** is a high-performance, N-Channel enhancement mode Power MOSFET, typically manufactured by companies like **Semipower** (and others using similar nomenclature). It is designed for high-frequency switching and high-efficiency power conversion. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the M5R65ZPJ-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 650 | V | | **Continuous Drain Current** | $I_{D}$ | 5 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 1.1 - 1.4 (Max) | $\Omega$ | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 2.0 - 4.0 | V | | **Total Gate Charge** | $Q_{g}$ | ~15 - 20 | nC | | **Package Type** | Pkg | TO-252 (D-PAK) / TO-220F | - | --- ### 2. Core Electronic Features * **Super Junction Technology:** This part often utilizes Super Junction (SJ) technology, which significantly reduces the $R_{DS(on)}$ (internal resistance) compared to traditional planar MOSFETs, leading to lower heat generation. * **High Switching Speed:** Optimized for rapid transitions, reducing switching losses in high-frequency applications. * **Avalanche Ruggedness:** Designed to withstand high energy pulses (UIS - Unclamped Inductive Switching), making it reliable against voltage spikes. * **Low Input Capacitance ($C_{iss}$):** Allows for easier driving of the gate, requiring less power from the PWM controller. --- ### 3. Common Applications The M5R65ZPJ-R is primarily found in AC-to-DC power conversion circuits: 1. **Switch Mode Power Supplies (SMPS):** Used as the main switching element in PC power supplies and industrial adapters. 2. **LED Lighting Drivers:** Provides efficient power regulation for high-voltage LED strings. 3. **PFC (Power Factor Correction):** Used in stages where voltage needs to be stepped up and stabilized. 4. **Chargers:** Found in fast-charging bricks for laptops and mobile devices. --- ### 4. Comparison with Alternatives If you are looking for a replacement or equivalent, consider the following parameters: * **Voltage Margin:** Ensure the replacement has at least 650V $V_{DS}$. * **Thermal Management:** The "R" suffix often indicates specific packaging (like Reel for SMD) or specific thermal ratings. Ensure the footprint (e.g., TO-252) matches your PCB. * **Logic Level:** Since the threshold voltage ($V_{GS(th)}$) is up to 4V, it requires a standard gate driver rather than a 3.3V logic signal.
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the TO-252 version of this MOSFET?
    • ⤷ Can I replace the M5R65ZPJ-R with a MOSFET that has a higher Ampere rating?
    • ⤷ How does Super Junction technology improve efficiency compared to standard planar MOSFETs?