データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R66TLJ-R

  • AI
    The **M5R66TLJ-R** is an electronic component commonly used in power management circuits. It is a surface-mount Power Inductor, specifically a metal composite type designed for high-frequency and high-current applications. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 5.6 µH (indicated by "5R6") | | **Tolerance** | ±20% | | **Core Material** | Metal Composite (Iron Powder) | | **Mounting Type** | SMD (Surface Mount Device) | | **Shielding** | Shielded (Magnetic) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Breakdown of the Part Number The alphanumeric code follows standard industry conventions for magnetic components: * **M5**: Often refers to the series or the physical dimensions (e.g., 5mm x 5mm footprint). * **5R6**: Represents the Inductance value. The "R" acts as a decimal point. **5.6 microhenries (µH)**. * **T**: Usually denotes "Taping" (supplied on a Reel for automated assembly). * **LJ**: Often a manufacturer-specific code for the core material or internal structure. * **R**: Generally signifies **RoHS Compliance** (Lead-free). --- ### 3. Structural and Functional Features 1. **Metal Composite Core:** Unlike traditional ferrite inductors, metal composite cores offer a "soft" saturation characteristic. This means that as current increases, the inductance drops gradually rather than abruptly, preventing sudden circuit failure. 2. **Low EMI:** The molded construction provides excellent magnetic shielding, which minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB. 3. **Low DCR:** It is designed with low Direct Current Resistance (DCR) to minimize power loss and heat generation during operation. ### 4. Common Applications * **DC-DC Converters:** Used as the energy storage element in buck or boost regulators. * **Mobile Electronics:** Found in smartphones and tablets due to its compact size and high efficiency. * **Laptops/Motherboards:** Used in VRM (Voltage Regulator Module) circuits to provide stable power to CPUs or GPUs. * **Automotive Infotainment:** Suitable for rugged environments requiring high-temperature stability.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for the M5R66TLJ-R?
    • ⤷ How does a metal composite inductor differ from a ferrite core inductor?
    • ⤷ Which manufacturers typically produce this specific part series?