データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R66TP-R

  • AI
    The **M5R66TP-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. It is widely used in power management circuits, particularly in DC-DC converters for consumer electronics. --- ### 1. Key Technical Specifications Based on the nomenclature used by manufacturers like **Toxico (TOKO)** or similar magnetic component producers, here are the typical specifications for this series: | Parameter | Description / Typical Value | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Inductance Value** | **6.6 µH** (indicated by "66" in the part number) | | **Tolerance** | ±20% or ±30% (Standard for "M" or "R" series) | | **Package Size** | 5.0mm x 5.0mm (approximate "5" prefix) | | **Construction** | Ferrite Core, Magnetically Shielded | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Characteristics * **Magnetic Shielding:** The "TP" designation often refers to a shielded structure. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. * **Flat Top:** Designed with a flat surface to facilitate automated "pick-and-place" assembly using vacuum nozzles. * **Robust Terminals:** Features solder-plated terminals for high reliability during reflow soldering. --- ### 3. Functional Roles in Circuits The M5R66TP-R serves several critical functions in an electronic system: 1. **Energy Storage:** In switching regulators (Buck/Boost converters), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It works alongside capacitors to smooth out voltage ripples and filter high-frequency noise from power lines. 3. **Impedance Matching:** Used in specific RF or signal processing circuits to manage signal flow. --- ### 4. Common Applications Due to its compact size and shielding, you will find this part in: * **Mobile Devices:** Smartphones and tablets. * **Computing:** Hard drives (HDD/SSD) and laptop motherboards. * **Peripherals:** Digital cameras and portable media players. --- ### 5. Identification Code Breakdown While manufacturer codes vary slightly, the string usually decodes as follows: * **M5:** Series/Size designator (e.g., 5.8mm height or 5x5mm footprint). * **R66:** Inductance value (0.66µH or 6.6µH depending on the decimal placement standard). * **TP:** Packaging style (Tape and Reel) or Shielding type. * **-R:** RoHS compliant (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Saturation Current) for the M5R66TP-R?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the common alternatives if this specific part is out of stock?