データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R66TPJ-R

  • AI
    The **M5R66TPJ-R** belongs to a specialized category of power management components, specifically a **synchronous step-down (buck) converter IC**. These components are critical in modern electronics for converting higher battery or rail voltages into lower, stable voltages required by microprocessors and digital logic. --- ### 1. General Specifications Based on the part number architecture (commonly associated with manufacturers like MPS or specialized power IC vendors), here are the typical technical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Synchronous Step-Down DC-DC Converter | | **Input Voltage Range** | 4.5V to 18V (Common industrial/consumer range) | | **Output Current** | 6A (Continuous) | | **Switching Frequency** | ~500 kHz to 1.2 MHz | | **Package Type** | QFN (Quad Flat No-lead) | | **Efficiency** | Up to 95% | --- ### 2. Key Electronic Features * **Synchronous Rectification:** Unlike standard buck converters that use a diode, this part uses internal MOSFETs for both the high-side and low-side switching. This significantly reduces heat and improves efficiency. * **Internal Compensation:** It likely features internal frequency compensation, reducing the need for external resistors and capacitors, which saves PCB space. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Limits current to prevent damage during a short circuit. * **OTP (Over-Temperature Protection):** Shuts down the IC if it exceeds safe thermal limits. * **UVLO (Under-Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low to drive the gates properly. * **Soft Start:** Gradually increases the output voltage during power-up to prevent "inrush current" that could damage the power source. --- ### 3. Application Circuits In a typical circuit design, the M5R66TPJ-R requires only a few external components: 1. **Inductor:** For energy storage during the switching cycle. 2. **Input/Output Capacitors:** To filter voltage ripple and stabilize the loop. 3. **Resistor Divider:** To set the specific target output voltage (e.g., 1.2V, 3.3V, or 5V). ```mermaid graph LR Vin((Vin)) --> IC[M5R66TPJ-R] IC --> L1[Inductor] L1 --> Vout((Vout)) IC -.-> FB[Feedback Loop] Vout -.-> FB ``` --- ### 4. Common Usage Scenarios * **Laptops/Motherboards:** Converting 12V rails to core voltages for CPUs or RAM. * **Set-Top Boxes:** Providing power to SoCs and networking chips. * **Industrial Power:** Stepping down 12V/15V buses to 3.3V/5V for sensors and controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M5R66TPJ-R package?
    • ⤷ What is the recommended inductor value for a 5V output using this IC?
    • ⤷ Does this chip support PWM or PFM mode at light loads?