データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R66ZP-R

  • AI
    The **M5R66ZP-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for regulating current and storing energy in the form of a magnetic field. --- ### 1. Technical Specifications Inductors like the M5R66ZP-R are defined by their physical size and electrical properties. | Parameter | Characteristic | Description | | :--- | :--- | :--- | | **Component Type** | Power Inductor | Used for DC-DC conversion and filtering. | | **Inductance Value** | 0.66 µH | The "R66" in the part number typically signifies 0.66 microhenries. | | **Mounting Type** | SMD / SMT | Designed for automated surface mount assembly. | | **Core Material** | Composite / Metal Alloy | Usually shielded to reduce Electromagnetic Interference (EMI). | | **Tolerance** | ±20% (Typical) | Standard variance for power inductors. | --- ### 2. Physical Design and Structure The construction of this part is optimized for high-efficiency power delivery: * **Shielded Construction:** Most "M" series inductors are magnetically shielded. This prevents the magnetic field generated by the inductor from interfering with nearby sensitive components on the PCB. * **Low DCR (DC Resistance):** These parts are engineered to have very low internal resistance to minimize power loss as heat. * **High Saturation Current:** They are designed to handle high bursts of current without the inductance dropping significantly (saturation). --- ### 3. Common Applications The M5R66ZP-R is commonly found in the following electronic environments: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases to provide stable power to CPUs/GPUs. 2. **DC-DC Converters:** Found in Point-of-Load (POL) converters to step down voltages (e.g., 12V to 1.2V). 3. **Battery Powered Devices:** Used in laptops and tablets where high efficiency and small physical footprint are required. 4. **Telecommunications:** In base stations or networking hardware for signal filtering and power stability. --- ### 4. Part Number Breakdown (General Convention) While manufacturers vary slightly, the nomenclature usually follows this logic: * **M:** Series identifier (often relating to the molded alloy material). * **5:** Physical size/dimension code (e.g., 5mm x 5mm). * **R66:** Inductance value (R acts as a decimal point, so 0.66 µH). * **ZP-R:** Specific series variations, packaging (Tape & Reel), or lead-free/RoHS compliance markers.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R66ZP-R inductor?
    • ⤷ How do I calculate the saturation current for this specific inductor model?
    • ⤷ What are the typical thermal limits for SMD power inductors during soldering?