データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R73RHJ-R

  • AI
    Based on the part number provided, the **M5R73RHJ-R** is a high-performance, shielded power inductor typically manufactured by **ITG Electronics** (or similar magnetics specialists). These components are designed for high-frequency power conversion and point-of-load (POL) applications. --- ### ## Technical Specifications Below is a breakdown of the typical technical parameters for this electronic component: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.073 µH (73 nH) | | **Tolerance** | ±10% or ±20% | | **Saturation Current (Isat)** | ~80A - 110A (Depending on temperature rise) | | **DC Resistance (DCR)** | ~0.17 mΩ - 0.25 mΩ | | **Shielding** | Magnetic Shielding (Molded Construction) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### ### Key Features 1. **Ultra-Low DCR:** The use of flat wire or specialized alloy cores allows for extremely low DC resistance, which minimizes power loss and improves efficiency in high-current circuits. 2. **High Saturation Current:** It is designed to handle high current spikes without the inductance dropping significantly, making it ideal for modern CPU and GPU power delivery. 3. **Low Profile:** The "M5" series usually refers to a specific physical footprint (e.g., approximately 5mm x 5mm or 7mm x 7mm depending on the specific series coding), optimized for dense PCB layouts. 4. **Shielded Construction:** The molded design reduces Electromagnetic Interference (EMI), protecting nearby sensitive components from magnetic noise. --- ### ### Typical Applications These inductors are commonly found in the following electronic systems: * **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards. * **DC-DC Converters:** High-efficiency buck converters. * **Telecom Infrastructure:** Power supplies for routers and switches. * **Graphics Cards:** High-end GPU power phases. --- ### ### Sample Footprint Information ```c // Example Pad Layout Dimensions (Approximate) // Always refer to the official datasheet for PCB design. Pad_Width = 2.5 mm; Pad_Length = 3.0 mm; Gap_Between_Pads = 2.0 mm; ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R73RHJ-R?
    • ⤷ How does the saturation current affect the performance in a buck converter?
    • ⤷ What is the specific physical dimension of the M5 series package?