データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R74XPJ-R

  • AI
    The **M5R74XPJ-R** refers to a specific series of high-performance **Step-Servo (Integrated Stepper Motor)** systems manufactured by **MOONS' Industries**. This device is not just a motor; it is an all-in-one motion control solution that integrates the motor, encoder, and drive electronics into a single package. --- ## 1. Core Component Breakdown The "electronic parts" of this unit are integrated into the rear housing of the motor. Here are the primary internal modules: | Component | Description | Function | | :--- | :--- | :--- | | **Integrated Driver** | Digital Power Stage | Converts DC power into phase currents to drive the motor using PWM (Pulse Width Modulation). | | **Motion Controller** | 32-bit DSP / Microcontroller | The "brain" that processes commands, handles trajectory planning, and manages the PID loop. | | **Encoder** | High-resolution Optical or Magnetic | Provides real-time feedback of the rotor position to ensure no steps are lost (Closed-loop). | | **Communication Interface** | RS-485 / Modbus RTU | Allows the motor to be programmed and controlled via a PC or PLC. | | **I/O Logic** | Opto-isolated Digital Pins | Handles inputs (Step/Dir, Enable) and outputs (Fault, Alarm). | --- ## 2. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 12 - 48 VDC | | **Current Type** | Peak 4.0A (Software Configurable) | | **Feedback** | 2000 - 5000 lines (Typical for M5 series) | | **Control Mode** | Pulse/Direction, Velocity, or SCL (Streaming Commands) | | **Frame Size** | NEMA 17 or NEMA 23 (Common for M5 series) | --- ## 3. Key Electronic Features ### Closed-Loop Control Unlike standard stepper motors, the electronic circuitry in the **M5R74XPJ-R** uses the integrated encoder to monitor position. If an external force moves the motor out of place, the electronics automatically correct the position. This eliminates "lost steps." ### Heat and Noise Reduction The driver uses **Step-Servo technology**, which applies current based on the actual load. * **Electronics benefit:** Lower operating temperatures for the MOSFETs and the motor coils. * **Performance benefit:** Much quieter operation compared to traditional constant-current drivers. ### Wiring and Connectivity The electronics are accessed via specialized connectors on the back of the unit: * **Power Connector:** VDC and Ground. * **I/O Connector:** Includes Pulse+, Pulse-, Dir+, Dir-, and Alarm Output. * **Communication:** Usually a 4-pin header for RS-485 daisy-chaining. --- ## 4. Programming the Electronics The internal controller is typically configured using the **RS-485** port and MOONS' proprietary software (**ST Configurator**). ```json { "Communication": "RS-485", "Protocol": "Modbus RTU / SCL", "Baud_Rate": "9600 - 115200 bps", "Address_Range": "1 - 32" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the wiring diagram for the RS-485 pins on the M5R74XPJ-R?
    • ⤷ Can this motor run in open-loop mode if the encoder fails?
    • ⤷ What software is required to tune the PID loop for this specific model?