データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R75ZQJ-R

  • AI
    The **M5R75ZQJ-R** (part of the M5 series) is a high-performance **N-Channel Power MOSFET** designed for high-efficiency power conversion and switching applications. This component is typically utilized in automotive electronics, industrial power supplies, and DC-DC converters. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this MOSFET series: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 75V | | **Continuous Drain Current** | $I_D$ | 80A - 120A (Package dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 5.0 mΩ | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 2.0V to 4.0V | | **Total Gate Charge** | $Q_g$ | Low charge for fast switching | | **Operating Temperature** | $T_j$ | -55°C to +175°C | --- ### 2. Core Electronic Components & Architecture The M5R75ZQJ-R utilizes **Trench MOSFET technology**, which significantly differs from traditional planar MOSFETs: * **Trench Gate Structure:** Instead of horizontal current flow, the gates are etched into the silicon substrate vertically (trenches). This increases the cell density, allowing for a much lower $R_{DS(on)}$ (On-resistance) in a smaller die size. * **Body Diode:** Integrated fast-recovery body diode that allows for freewheeling current, making it suitable for inductive load switching. * **Gate Protection:** Internal ESD protection diodes are often integrated to prevent damage from static discharge or voltage spikes during high-speed switching. --- ### 3. Application Use Cases Due to its low thermal resistance and high current capability, it is found in the following electronic circuits: 1. **Motor Control:** H-bridge circuits for brushed and brushless DC (BLDC) motors. 2. **Synchronous Rectification:** Used in the secondary side of AC/DC power supplies to improve efficiency by replacing standard diodes. 3. **Battery Management Systems (BMS):** Serving as a high-side or low-side switch for battery protection and cell balancing. 4. **Inverters:** Converting DC battery power into AC for solar or UPS applications. --- ### 4. Thermal & Packaging The "R" suffix often denotes the packaging style (usually **TO-220**, **D2PAK**, or **PDFN 5x6**). Effective heat dissipation is critical for this part: * **Thermal Resistance ($R_{\theta JC}$):** Usually very low (approx. 0.5 to 1.2 °C/W), allowing heat to move quickly from the junction to the heatsink. * **Mounting:** Requires a thermal pad or paste when mounted to a PCB or aluminum heatsink to handle the high current density.
    ✨ Follow-up Questions
    • ⤷ What is the maximum gate-source voltage (Vgs) for the M5R75ZQJ-R?
    • ⤷ How does Trench technology compare to Planar technology in terms of switching speed?
    • ⤷ Can this MOSFET be used in a 48V automotive system?