データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R76RH-R

  • AI
    ## Overview of the M5R76RH-R The **M5R76RH-R** is a specialized high-reliability electronic component, typically classified as a **Rad-Hard (Radiation Hardened) Power MOSFET**. These components are specifically engineered for aerospace, defense, and satellite applications where electronic circuits are exposed to ionizing radiation and extreme environmental stress. --- ### Core Specifications Below are the typical technical parameters associated with this class of Power MOSFET: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | P-Channel Power MOSFET | | **Technology** | Radiation Hardened (Rad-Hard) | | **Drain-Source Voltage ($V_{DSS}$)** | -60V to -100V (Series dependent) | | **Drain Current ($I_D$)** | High Current Capacity (Approx. 20A - 45A) | | **Package Type** | Hermetically Sealed (e.g., SMD-0.5, TO-254, or TO-257) | | **Operating Temperature** | -55°C to +150°C | --- ### Key Electronic Features #### 1. Radiation Hardness * **Total Ionizing Dose (TID):** Designed to withstand cumulative radiation exposure, often rated up to 100krad(Si) or 300krad(Si). * **Single Event Effects (SEE):** Resistant to Single Event Burnout (SEB) and Single Event Gate Rupture (SEGR), which are critical failures caused by heavy ion strikes in space. #### 2. Switching Characteristics * **Low $R_{DS(on)}$:** Minimizes power dissipation during the "on" state, improving efficiency in power supply designs. * **High Input Impedance:** Being a MOSFET, it requires minimal gate current to maintain an "on" state, though gate charge ($Q_g$) must be managed for high-speed switching. #### 3. P-Channel Architecture * Unlike N-channel MOSFETs, the P-channel is often used in **high-side switching** applications because it simplifies the gate drive circuitry (it does not require a bootstrap circuit or an isolated supply to turn on). --- ### Typical Applications The M5R76RH-R is found in mission-critical systems, including: 1. **Satellite Power Bus:** Managing power distribution from solar arrays to batteries. 2. **Motor Controllers:** Actuating components in harsh environments. 3. **DC-DC Converters:** Providing regulated voltage to onboard flight computers. 4. **Spacecraft Instrumentation:** Powering sensitive sensors that require high reliability. --- ### Comparison: Rad-Hard vs. Standard MOSFET | Feature | Standard MOSFET | M5R76RH-R (Rad-Hard) | | :--- | :--- | :--- | | **Package** | Plastic (TO-220/DPAK) | Hermetic Ceramic/Metal | | **Radiation Tolerance** | Low (Fails quickly in space) | High (Tested for TID/SEE) | | **Cost** | Low | Very High | | **Reliability Testing** | Commercial Grade | MIL-PRF-19500 / Space Level |
    ✨ Follow-up Questions
    • ⤷ What are the specific gate voltage requirements for driving a Rad-Hard P-Channel MOSFET?
    • ⤷ How does Total Ionizing Dose (TID) specifically affect MOSFET threshold voltage?
    • ⤷ What are the common alternatives to the M5R76RH-R for terrestrial high-reliability applications?