データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R76ZH-R

  • AI
    The **M5R76ZH-R** is a specific technical component part number, typically associated with **Mecanum wheels** or specialized **DC Geared Motors** often used in robotics and automation kits (such as those from Makeblock or similar educational robotics platforms). Below is a breakdown of the electronic and mechanical specifications generally associated with this part. --- ### 1. General Specifications The "M5" prefix often denotes the motor series or mounting size, while the suffix refers to the specific gear ratio and encoder configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DC Geared Motor with Encoder | | **Operating Voltage** | 6V - 12V DC | | **Gear Ratio** | Approximately 1:75 or 1:64 (model dependent) | | **No-load Speed** | 150 - 200 RPM at 12V | | **Rated Torque** | ~5.0 kg·cm | | **Stall Current** | 2.0A - 3.5A | --- ### 2. Key Electronic Components #### A. DC Brushed Motor The core is a standard permanent magnet DC motor. Speed is controlled via **Pulse Width Modulation (PWM)**, and direction is controlled by an **H-Bridge** motor driver (like the TB6612FNG or L298N). #### B. Integrated Quadrature Encoder The "ZH" or "R" designations often imply the presence of a feedback loop system. * **Sensor Type:** Hall Effect sensors. * **Output:** Two-channel (Phase A and Phase B) square waves. * **Function:** Allows the microcontroller to calculate the position, speed, and direction of the wheel. This is essential for PID control and precise navigation. #### C. Wiring Interface Typically, these motors use a 6-pin connector (PH2.0 interface): 1. **Motor +**: Power for the motor. 2. **Motor -**: Power for the motor. 3. **Encoder GND**: Ground for the sensor circuit. 4. **Encoder VCC**: Power for the Hall sensors (usually 3.3V or 5V). 5. **Signal A**: Pulse output A. 6. **Signal B**: Pulse output B. --- ### 3. Application Context These parts are most commonly found in **Mecanum-wheel robots**. Because Mecanum wheels require independent control of four motors to achieve omnidirectional movement, the electronic feedback from the M5R76ZH-R encoder is critical to ensure all four wheels are spinning at the synchronized speeds required for "strafing" or diagonal movement. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 6-pin encoder connector?
    • ⤷ Which motor driver is best recommended for the M5R76ZH-R?
    • ⤷ How do I calculate the pulses per revolution (PPR) for this motor?