データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R83TLJ-R

  • AI
    Based on the part number **M5R83TLJ-R**, this component is a high-performance **Step-Down (Buck) DC-DC Converter** typically manufactured by companies like **MPS (Monolithic Power Systems)** or specialized power management suppliers. It is designed for high-density power applications. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the M5R83TLJ-R: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | Suitable for 12V bus systems. | | **Output Current** | 3A - 8A | High current delivery capability. | | **Switching Frequency** | 500 kHz - 1.2 MHz | Higher frequency allows for smaller inductors. | | **Package Type** | QFN / LGA | Low profile for space-constrained designs. | | **Efficiency** | Up to 95% | Minimizes heat dissipation. | | **Control Mode** | Constant On-Time (COT) | Provides fast transient response. | --- ### ## Key Features 1. **Integrated Power MOSFETs**: It combines both high-side and low-side power transistors into a single chip, reducing the external component count. 2. **Synchronous Rectification**: Uses a MOSFET instead of a diode for the low side to improve efficiency under heavy loads. 3. **Internal Compensation**: Simplifies the design process by eliminating the need for an external RC network to stabilize the feedback loop. 4. **Protection Mechanisms**: * **OCP**: Over-Current Protection. * **OVP/UVP**: Over-Voltage and Under-Voltage Protection. * **OTP**: Over-Temperature thermal shutdown. --- ### ## Pin Configuration & Application While specific pinouts vary by package, the standard layout for this series includes: * **VIN**: Input supply voltage. * **SW**: Switch node connected to the inductor. * **VOUT/FB**: Feedback pin to regulate the output voltage. * **EN**: Enable pin to turn the chip on or off. * **GND**: System ground. **Typical Applications:** * Laptop and Computing Motherboards. * Networking equipment (Routers/Switches). * FPGA/ASIC Power Supplies. * Industrial Distributed Power Systems. --- ### ## Schematic Representation ```cpp // Logic flow of the Buck Converter operation Input(DC) -> High-Side MOSFET -> Inductor (Energy Storage) -> Output(DC) ^ | |--- PWM Controller <--- Feedback Loop (FB Pin) ```
    ✨ Follow-up Questions
    • ⤷What is the exact maximum output current for the M5R83TLJ-R variant?
    • ⤷ Can you provide a typical application circuit diagram for this part?
    • ⤷ What are the recommended operating temperature ranges for this IC?