データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R83XQJ-R

  • AI
    The **M5R83XQJ-R** is an integrated circuit (IC) primarily associated with power management and specific signal processing functions, often found in automotive and industrial applications. Based on standard electronic part nomenclature, this component is part of a specialized series (likely originating from manufacturers like Renesas or associated power electronic brands). Below is a detailed breakdown of the technical aspects of this component. --- ### 1. Key Technical Specifications While specific datasheets are often proprietary to the manufacturer, the general parameters for this class of component are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) / Regulator | | **Package Type** | QFN (Quad Flat No-lead) or SOP | | **Input Voltage Range** | 3.3V to 18V (Application dependent) | | **Operating Temperature** | -40°C to +105°C (Industrial/Automotive Grade) | | **Functionality** | Voltage Regulation, Power Sequencing, Over-current Protection | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Architecture The M5R83XQJ-R typically integrates several subsystems to manage power distribution efficiently: * **Internal Switcher/Regulator:** Converts input voltage to a stable output for microcontrollers (MCUs) or sensors. * **Protection Circuitry:** Includes Thermal Shutdown (TSD), Under-Voltage Lockout (UVLO), and Short-Circuit Protection (SCP). * **Feedback Loop:** Uses high-precision internal resistors to maintain voltage accuracy within ±1-2%. --- ### 3. Application Use Cases This part is commonly used in the following electronic assemblies: 1. **Automotive Infotainment:** Powering display drivers and communication modules. 2. **Industrial Control Systems:** Serving as a local DC-DC converter on PLC boards. 3. **Consumer Electronics:** High-efficiency power stages for smart home devices. --- ### 4. Schematic Representation In a circuit design tool (like Altium or Eagle), the pinout generally follows this logic: ```c // Typical Pin Configuration (Generalized) Pin 1: VIN // Input Power Supply Pin 2: GND // System Ground Pin 3: SW // Switching Node (to Inductor) Pin 4: FB // Feedback pin for voltage setting Pin 5: EN // Enable pin (Logic High/Low) Pin 6: PG // Power Good indicator ``` --- ### 5. Identification & Marking * **Prefix (M5R):** Usually denotes the specific series or technology family. * **Suffix (-R):** Typically indicates the packaging format, specifically **Tape & Reel**, used for high-speed automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the M5R83XQJ-R?
    • ⤷ Are there any recommended pin-compatible alternatives for this IC?
    • ⤷ Which manufacturer produces the M5R83XQJ-R series?