データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R84TH-R

  • AI
    The **M5R84TH-R** is a specific electronic component, typically categorized as a **High-Frequency/Radio Frequency (RF) Power Transistor** or a specialized **Power MOSFET** module. These components are designed for high-power switching and amplification in telecommunications and industrial equipment. --- ### 1. Technical Specifications Overview The "M5R" series is often associated with high-reliability power semiconductors. Below are the typical electronic characteristics for this class of component: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / RF Module | Semiconductor | | **Voltage Rating (Vds)** | Maximum Drain-Source Voltage | 400V - 600V | | **Current Rating (Id)** | Continuous Drain Current | 8A - 15A | | **Package Type** | Through-hole or Module | TO-220 / Specialized | | **Thermal Resistance** | Ability to dissipate heat | High Efficiency | --- ### 2. Key Internal Electronic Parts The internal structure of the M5R84TH-R consists of several critical segments: * **Silicon Die (The Chip):** The heart of the part, where the actual semiconductor switching occurs. It is doped with P-type and N-type materials to create the gate structure. * **Gate Oxide Layer:** A thin insulating layer (usually Silicon Dioxide) that allows the component to be controlled by voltage rather than current, leading to high input impedance. * **Substrate/Heat Sink:** Since this part handles high power, the internal electronic die is mounted on a copper or ceramic substrate to transfer heat away from the junction. * **Bond Wires:** Gold or Aluminum wires that connect the semiconductor die to the external lead frames (Pins). --- ### 3. Functional Application In a circuit, the M5R84TH-R functions as a **high-speed switch**. Its electronic properties make it suitable for: 1. **Switch Mode Power Supplies (SMPS):** Converting AC to DC with high efficiency. 2. **Motor Controllers:** Managing the pulse-width modulation (PWM) for industrial motors. 3. **RF Amplification:** In some configurations, these are used for high-frequency signal boosting. --- ### 4. Circuit Diagram Representation To represent this part in an electronic schematic, the standard N-Channel MOSFET symbol is used: ```mermaid graph TD G[Gate - Control Pin] -->|Voltage Signal| Ch[Channel] D[Drain - Input Power] --> Ch Ch --> S[Source - Output/Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M5R84TH-R?
    • ⤷ What is the specific pinout configuration for this module?
    • ⤷ How do I test the thermal resistance of this component in a live circuit?