データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R84TPJ-R

  • AI
    The **M5R84TPJ-R** is an electronic component typically categorized as a **Surface Mount Device (SMD)** power inductor, commonly used in high-efficiency DC-DC converter circuits. It is designed to handle high current loads while maintaining a compact physical footprint. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of power inductors, the following specifications generally apply: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | Specified by the value code (e.g., 0.84µH or similar depending on variant) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Metal Alloy (High Saturation) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Characteristics The "M5R84" designation often refers to the series and package size. These parts are engineered for durability and thermal stability. * **Shielding:** The component is usually encapsulated in a magnetic shield. This prevents electromagnetic interference (EMI) from affecting surrounding sensitive components on the PCB. * **Terminations:** Features robust solder pads designed for lead-free (RoHS compliant) reflow soldering processes. * **Construction:** High-quality copper windings around a core designed to prevent magnetic saturation at peak currents. --- ### 3. Common Applications The M5R84TPJ-R is frequently found in power management stages of modern electronics: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. 2. **Point of Load (POL) Converters:** Step-down (Buck) converters for high-current rails. 3. **Consumer Electronics:** High-end laptops, gaming consoles, and networking equipment. 4. **Automotive Infotainment:** Where high reliability and temperature resistance are required. --- ### 4. Circuit Symbol and Implementation In a circuit diagram, it is represented by the standard inductor symbol. ```python # Typical placement in a Buck Converter circuit: # [Input Voltage] -> [MOSFET Switch] -> [Inductor (M5R84TPJ-R)] -> [Output Load] # | # [Capacitor] -> GND ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the M5R84TPJ-R?
    • ⤷ What are the physical dimensions (L x W x H) of this part?
    • ⤷ Are there recommended substitutes with similar footprints?