データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R84TQ-R

  • AI
    The **M5R84TQ-R** is a specific model of an **ARM Cortex-M0+ Microcontroller (MCU)**, manufactured by **MindMotion**. It is designed for low-power, high-performance embedded applications, particularly in industrial control and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® 32-bit Cortex®-M0+ | | **Maximum Frequency** | Up to 48 MHz | | **Flash Memory** | 32 KB | | **SRAM** | 4 KB | | **Operating Voltage** | 2.0V to 5.5V | | **Package Type** | LQFP32 (Low-profile Quad Flat Package) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components & Architecture The M5R84TQ-R integrates several internal blocks that handle different processing and interface tasks: #### A. Power Management * **Built-in LDO:** Regulates the internal core voltage. * **Low Power Modes:** Includes Sleep, Stop, and Standby modes to minimize current consumption during inactivity. * **POR/PDR:** Power-on Reset and Power-down Reset circuits ensure the chip starts and shuts down safely. #### B. Peripherals and Connectivity * **Timers:** Includes a 16-bit Advanced Control Timer (for PWM/Motor control), General Purpose Timers, and a Basic Timer. * **Communication Interfaces:** * **UART:** For serial communication. * **SPI:** High-speed synchronous data transfer. * **I2C:** Two-wire interface for sensors and EEPROMs. * **Analog-to-Digital Converter (ADC):** Typically a 12-bit ADC for reading analog sensors. #### C. Clock System * **Internal RC Oscillator:** Provides 48MHz and 40KHz clock sources without requiring external components. * **External Crystal Support:** Can be connected to an external high-speed crystal for higher precision timing. --- ### 3. Pinout Configuration (LQFP32) In the LQFP32 package, the pins are generally categorized as follows: 1. **VSS/VDD:** Ground and Power supply pins. 2. **PA/PB Group:** General Purpose I/O (GPIO) pins that can be multiplexed with peripheral functions (like TX/RX or PWM). 3. **NRST:** Hardware reset pin. 4. **SWDIO/SWCLK:** Serial Wire Debug pins used for programming the Flash and debugging code. --- ### 4. Typical Applications * **Smart Home:** Small appliances, lighting controllers, and thermostats. * **Industrial:** Sensor nodes, simple motor drivers, and PLC modules. * **Consumer Electronics:** Handheld devices, toys, and PC peripherals.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the Cortex-M0+ and Cortex-M3 cores in MindMotion MCUs?
    • ⤷ How do I set up the development environment for programming the M5R84TQ-R?
    • ⤷ What is the maximum current consumption of this chip in Standby mode?