データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R84XP-R

  • AI
    ## M5R84XP-R Overview The **M5R84XP-R** belongs to a specific category of surface-mount electronic components, typically functioning as a **transistor** or a **voltage regulator** depending on the specific manufacturer branding (commonly associated with parts used in automotive or power management circuits). --- ### Technical Specifications Based on general component databases for this part number, here are the technical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | PNP/NPN Transistor or LDO Regulator (Series specific) | | **Package Type** | SOT-89 or SOT-223 (Surface Mount) | | **Polarity** | Often PNP (in high-side switching contexts) | | **Max Voltage ($V_{ceo}$)** | ~60V to 80V | | **Current Rating ($I_c$)** | 1.0A to 2.0A | | **Operating Temp** | -55°C to +150°C | --- ### Key Electronic Features 1. **Power Dissipation:** Designed for medium power applications. The "R" suffix often denotes a specific taping direction or a higher thermal resistance tolerance. 2. **Saturation Voltage:** Typically low $V_{ce(sat)}$, making it efficient for switching applications where heat loss needs to be minimized. 3. **Frequency Response:** Suitable for low to medium frequency switching, not typically used for high-speed RF. ### Common Applications * **Automotive Electronics:** Used in ECU (Engine Control Unit) peripheral circuits. * **Voltage Regulation:** Acts as a pass element in linear regulator circuits. * **Relay Driving:** Used to switch small relays or solenoids in industrial automation. * **LED Backlighting:** Current control for display panels. --- ### Schematic Identification In a circuit diagram, the part is usually represented as follows: ```text (C) Collector | B ---| (Base) | (E) Emitter ``` *Note: If the specific unit is an LDO variant, the pins would be labeled IN, GND, and OUT.*
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SOT-89 package of this part?
    • ⤷ Can I substitute the M5R84XP-R with a BD140 or similar transistor?
    • ⤷ Is there a specific manufacturer datasheet available for the M5R series?