データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R85THJ-R

  • AI
    Based on the technical designation, the **M5R85THJ-R** refers to a high-performance **N-Channel Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). These components are primarily used in high-frequency power conversion and high-efficiency switching applications. --- ### 1. Technical Specifications The part number follows specific industry conventions for power semiconductors. Below are the typical characteristics associated with this class of device: | Feature | Description | | :--- | :--- | | **Transistor Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | Typically 80V - 85V | | **Continuous Drain Current ($I_D$)** | High current capacity (Often 80A - 120A depending on cooling) | | **RDS(on)** | Low static drain-source on-resistance (minimizes heat loss) | | **Package Type** | Often found in TO-220, TO-252 (DPAK), or PDFN5x6 | | **Configuration** | Single enhancement mode | --- ### 2. Key Internal Components The MOSFET consists of three primary terminals that control the flow of electricity: * **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow between the Drain and Source. * **Drain (D):** The terminal where current enters the MOSFET. * **Source (S):** The terminal where current leaves the MOSFET. * **Body Diode:** An inherent parasitic diode formed during the manufacturing process, useful for freewheeling current in inductive loads. --- ### 3. Functional Applications The M5R85THJ-R is designed for "hard-switching" and "high-frequency" environments. Common applications include: 1. **DC-DC Converters:** Stepping down voltage in computer motherboards or industrial power supplies. 2. **Motor Control:** Used in H-Bridge circuits to control the speed and direction of DC motors. 3. **Battery Management Systems (BMS):** Serving as a protection switch to disconnect the battery in case of overcurrent. 4. **Synchronous Rectification:** Replacing standard diodes to improve the efficiency of power adapters. --- ### 4. Interpretation of Suffixes * **-R:** Usually indicates **Tape & Reel** packaging, signifying the part is prepared for automated Pick-and-Place assembly machines. * **THJ:** Often refers to the specific internal die technology or thermal characteristics designated by the manufacturer (likely a proprietary marking for Trench technology). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific RDS(on) values for the M5R85THJ-R?
    • ⤷ Which manufacturers typically produce this specific MOSFET part number?
    • ⤷ Can this MOSFET be used in logic-level switching applications?