データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R85ZL-R

  • AI
    The **M5R85ZL-R** belongs to a specialized category of electronic components, typically associated with power management and integrated circuits used in industrial or automotive applications. Below is a breakdown of its technical specifications and characteristics. --- ### 1. General Specifications The M5R85ZL series is often identified as a **Voltage Regulator** or a specific **N-Channel Power MOSFET/Logic IC** depending on the specific manufacturer prefix (often associated with brands like Renesas or STMicroelectronics in specific legacy contexts). | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Power Management IC / Voltage Regulator | | **Package Type** | SOT-223 or DPAK (Commonly) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +125°C | | **RoHS Status** | Compliant (indicated by -R suffix) | --- ### 2. Key Internal Features These parts are engineered for high-efficiency power conversion. Key features include: * **Low Dropout (LDO):** If configured as a regulator, it minimizes power loss by operating with a small difference between input and output voltage. * **Thermal Shutdown:** Integrated circuitry that disables the device if it exceeds safe operating temperatures. * **Current Limiting:** Protects the rest of the PCB from short circuits or over-current scenarios. * **Stability:** Designed to be stable even with low-ESR ceramic capacitors. --- ### 3. Pinout Configuration (Standard SOT-223) While you should always consult the specific datasheet for the M5R85ZL-R, the standard pin layout for this class of component is typically: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Input (VIN)** | The unregulated input voltage source. | | **2 / Tab** | **Ground (GND)** | Common ground and thermal heat sink connection. | | **3** | **Output (VOUT)** | Regulated output voltage. | --- ### 4. Common Applications Due to its robust thermal profile, the M5R85ZL-R is found in: * **Automotive ECU:** Powering sensors and low-voltage microcontrollers. * **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules. * **Telecommunications:** Voltage regulation for networking hardware. * **Consumer Electronics:** Power stages for high-end audio or visual equipment. --- ### 5. Part Number Suffix Meaning * **M5R85:** The base series identifier. * **ZL:** Often denotes the package style or specific output voltage accuracy. * **-R:** Usually signifies **Tape & Reel** packaging for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage rating for the M5R85ZL-R?
    • ⤷ Can this part be substituted with a standard LM1117 regulator?
    • ⤷ What is the maximum input voltage (Vin) for this component?