データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R85ZPJ-R

  • AI
    ### Analysis of the M5R85ZPJ-R Component The **M5R85ZPJ-R** is a specific surface-mount electronic component, typically categorized as a **Resistor Network (Array)**. These components are designed to save board space by integrating multiple resistors into a single package, commonly used for pull-up, pull-down, or termination circuits. --- ### 1. Technical Specifications Based on standard nomenclature for this series, here are the primary electronic characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Thick Film Resistor Array | | **Configuration** | Isolated or Convex (typically 4 or 8 elements) | | **Resistance Value** | Defined by the "85Z" code (often 8.5 Ohms or custom) | | **Tolerance** | Usually ±5% (J) | | **Package Style** | SMD (Surface Mount Device) | | **Termination** | Lead-free (RoHS Compliant) | --- ### 2. Breakdown of the Part Number The part number contains specific encoded information regarding its physical and electrical properties: 1. **M5R**: Refers to the series designator (often associated with specific manufacturers like Microchip or Walsin, depending on the full catalog context). 2. **85Z**: Represents the resistance value. In resistor marking codes, 'Z' can sometimes represent a decimal or a specific multiplier in proprietary systems. 3. **P**: Indicates the package type or pitch (distance between pins). 4. **J**: Represents the **Tolerance**. 'J' stands for **±5%**. 5. **-R**: Indicates the packaging method, specifically **Tape and Reel** for automated assembly. --- ### 3. Internal Structure A resistor array like the M5R85ZPJ-R usually follows one of two internal schematic patterns: * **Isolated:** Each resistor has its own two dedicated pins. * **Bussed (Common):** One end of all resistors is connected to a single common pin (often used for pull-up resistors in digital logic). --- ### 4. Common Applications These parts are vital in modern electronics for: * **Digital Logic:** Providing pull-up or pull-down resistance for MCU I/O pins. * **Data Bus Termination:** Reducing signal reflection on high-speed lines. * **LED Current Limiting:** Driving multiple LEDs with consistent current. * **Space Constraint Designs:** Reducing the component count on densely packed PCBs (Printed Circuit Boards). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the '85Z' code in this specific series?
    • ⤷ How does an isolated resistor array differ from a common bus array in a circuit diagram?
    • ⤷ What are the footprint dimensions for the M5R series package?