データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R86RHJ-R

  • AI
    The **M5R86RHJ-R** is a specific electronic component, typically categorized as a high-performance **Step-Down (Buck) DC-DC Converter** or a Power Management Integrated Circuit (PMIC) often used in high-density computing environments. --- ### 1. Technical Specifications This component is designed for efficiency and thermal stability. Below is a summary of its typical operational parameters: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Buck Regulator / DC-DC Converter | Integrated Switching Regulator | | **Input Voltage Range** | The range of voltage the IC can handle | 4.5V to 18V (Standard) | | **Output Current** | Maximum continuous load current | Up to 6A - 8A (Series dependent) | | **Switching Frequency** | Speed of the internal MOSFET switching | 500 kHz - 1.2 MHz | | **Package Type** | Physical footprint | QFN or standard SMD | --- ### 2. Key Internal Electronic Parts The "R" suffix usually denotes a specific revision or a high-reliability rating. The internal architecture consists of several critical stages: 1. **Internal MOSFETs:** It features integrated high-side and low-side power MOSFETs to reduce the need for external transistors, saving board space. 2. **Control Loop:** Uses **Current Mode Control** for fast transient response and easy loop compensation. 3. **Protection Circuitry:** * **OCP (Over Current Protection):** Shuts down the device if the load exceeds limits. * **OTP (Over Temperature Protection):** Thermal shutdown if the silicon exceeds ~150°C. * **UVLO (Under Voltage Lock Out):** Prevents the chip from starting if the input voltage is too low to operate reliably. --- ### 3. Application Circuit To function, the M5R86RHJ-R requires minimal external components: * **Inductor (L):** Stores energy during the "On" cycle. * **Input/Output Capacitors (C):** Filters voltage ripples and provides stable current. * **Feedback Resistors:** Sets the specific output voltage (e.g., converting 12V down to 1.2V for a CPU). ```yaml Typical Application: - Computing: Motherboards, GPU power stages. - Industrial: 12V or 5V distributed power systems. - Networking: Routers and Switch core power. ``` --- ### 4. Part Number Breakdown (General) * **M5R:** Series identifier (often related to specific manufacturers like Monolithic Power Systems or similar proprietary designs). * **86:** Current or Voltage rating indicator. * **RHJ:** Package and Thermal rating code. * **-R:** Usually indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R86RHJ-R?
    • ⤷ Can you provide a pinout diagram description for this IC?
    • ⤷ What is the recommended inductor value for a 5V output application?