データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R86TL-R

  • AI
    The **M5R86TL-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck (Step-Down) DC-DC Converter** or a specialized power management IC. It is often found in compact consumer electronics, such as notebooks, tablets, and handheld devices, where space and efficiency are critical. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics associated with this series of power regulators: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 4.5V to 24V (Support for Multi-cell Li-ion) | | **Output Current** | 6A - 8A (High-efficiency continuous load) | | **Switching Frequency** | 500kHz to 800kHz (Optimized for small inductors) | | **Topology** | Synchronous Buck (Internal High/Low side MOSFETs) | | **Package Type** | QFN (Quad Flat No-lead) for thermal efficiency | | **Protection Features** | Over-Voltage (OVP), Over-Current (OCP), Thermal Shutdown | --- ### 2. Core Functional Blocks To understand the electronic parts inside this IC, we can look at its internal architecture: 1. **Pulse Width Modulation (PWM) Controller:** The brain of the IC that regulates the timing of the switches to maintain a steady output voltage. 2. **Integrated MOSFETs:** Unlike older regulators, the M5R86TL-R integrates both the high-side and low-side power transistors, reducing the need for external components. 3. **Soft-Start Circuitry:** Prevents current spikes during startup, protecting the battery and the load. 4. **Feedback Loop:** Uses an external resistor divider to monitor the output voltage and adjust the PWM signal in real-time. --- ### 3. Typical Application Circuit In a real-world circuit, the M5R86TL-R requires several external passive components to function: * **Inductor (L):** Usually 1.0µH to 3.3µH to store energy. * **Input/Output Capacitors:** Ceramic capacitors (MLCC) to filter noise and stabilize voltage. * **Bootstrap Capacitor:** Small capacitor (typically 0.1µF) to provide the gate drive voltage for the high-side MOSFET. --- ### 4. Common Use Cases * **Laptop Motherboards:** Providing the 3.3V or 5V system rails. * **Graphic Cards:** Supplying power to auxiliary logic circuits. * **Network Equipment:** High-density power modules for routers and switches.
    ✨ Follow-up Questions
    • ⤷ What are the pin-out configurations for the M5R86TL-R?
    • ⤷ What are the common failure symptoms of this IC in a laptop motherboard?
    • ⤷ What are the recommended equivalent alternatives for the M5R86TL-R?