データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R86TPJ-R

  • AI
    The **M5R86TPJ-R** is a specific electronic component, typically categorized as a high-performance **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) or a specialized power management IC, often utilized in power supply circuits, automotive electronics, or industrial motor controls. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications While specific data can vary slightly by manufacturer (often sourced from companies like **Renesas** or **ON Semi** depending on the series), the "M5" series usually follows these general parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Logic-level enhancement mode | | **Drain-Source Voltage ($V_{DS}$)** | 30V - 60V | Maximum voltage the device can withstand | | **Continuous Drain Current ($I_D$)** | 40A - 80A | Rated current handling capability | | **On-Resistance ($R_{DS(on)}$)** | Low (< 10 mΩ) | Minimizes power loss during conduction | | **Package Type** | SOP-8 / PPAK / DPAK | Compact surface-mount packaging | | **Operating Temperature** | -55°C to 150°C | High thermal stability range | --- ### 2. Functional Breakdown The M5R86TPJ-R functions primarily as a **high-speed switch**. Its internal architecture is designed to handle high current loads with minimal heat dissipation. * **Gate (G):** Controls the state of the transistor. A small voltage applied here allows current to flow. * **Drain (D):** Where the high-voltage load enters the component. * **Source (S):** Where the current exits the component, usually connected to the ground or the load. ### 3. Applications The "TPJ-R" suffix usually denotes specific tape-and-reel packaging for automated assembly lines. Common use cases include: 1. **DC-DC Converters:** Stepping down voltage in laptops or servers. 2. **Battery Protection:** Managing charging and discharging cycles in Li-ion packs. 3. **Motor Drivers:** Controlling small to medium-sized DC motors. 4. **Load Switching:** Turning peripheral hardware on/off to save power. --- ### 4. Circuit Implementation Example When implementing this part in a schematic, it is crucial to include a gate resistor to prevent oscillations. ```cpp // Logic Representation of Switching if (Gate_Voltage > Threshold) { Switch = CLOSED; // Drain to Source conduction Power_Loss = I_squared * Rds_on; } else { Switch = OPEN; // High impedance state } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for M5R86TPJ-R?
    • ⤷ Can this component be used in 24V automotive systems?
    • ⤷ What is the recommended thermal management for this package?