データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R86ZQ-R

  • AI
    The **M5R86ZQ-R** is a specific surface-mount electronic component, typically identified as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, often manufactured by companies like *Rohm Semiconductor* or *Panjit*. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed primarily for voltage regulation and circuit protection. | Feature | Specification | | :--- | :--- | | **Part Type** | Zener Diode / Voltage Regulator | | **Package / Case** | SOD-523 (commonly) or SOT-23 | | **Zener Voltage ($V_z$)** | ~8.6V (Nominal) | | **Power Dissipation ($P_d$)** | 100mW - 200mW | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Lead-Free / Compliant | --- ## 2. Key Electronic Functions The M5R86ZQ-R serves two primary roles within an electronic assembly: ### A. Voltage Regulation In this mode, the diode maintains a stable output voltage of approximately **8.6V**. When the input voltage exceeds this threshold, the diode enters "breakdown" and conducts current to ground, preventing the voltage across the load from rising further. ### B. Circuit Protection (Clamping) It acts as a safeguard against voltage spikes. If a transient surge occurs (such as static electricity or inductive kickback), the M5R86ZQ-R clamps the voltage to its Zener level, protecting sensitive downstream ICs (Integrated Circuits) from overvoltage damage. --- ## 3. Physical Construction & Pinout Typically, these parts are housed in ultra-miniature packages to save PCB space. * **Anode:** The positive terminal. * **Cathode:** The negative terminal, usually marked by a **band or line** on the body of the component. * **Material:** Silicon-based semiconductor with a specific doping profile to achieve the 8.6V breakdown. --- ## 4. Common Applications * **Mobile Devices:** Protecting battery charging circuits. * **Data Lines:** Clamping noise on low-speed communication lines. * **Power Supplies:** Providing a reference voltage for feedback loops. * **Consumer Electronics:** Preventing damage from incorrect power adapters. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M5R86ZQ-R?
    • ⤷ How does the SOD-523 package compare to the SOT-23 in terms of heat dissipation?
    • ⤷ Can this diode be used for high-speed signal protection?