データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R88TL-R

  • AI
    The **M5R88TL-R** (commonly associated with parts from manufacturers like Mitsumi or similar semiconductor suppliers) is a specialized integrated circuit often used in radio frequency (RF) and signal processing applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The M5R88TL-R is typically categorized as a **Voltage Controlled Oscillator (VCO)** or a frequency synthesizer component, primarily designed for communication devices such as cordless phones, radio transceivers, and GPS modules. ### 2. Technical Specifications | Parameter | Description / Typical Value | | :--- | :--- | | **Package Type** | Surface Mount Device (SMD/SMT) | | **Functional Category** | RF / Microwave Integrated Circuit | | **Operating Voltage** | Usually ranges between 2.7V to 5.5V | | **Application** | Local Oscillator (LO) for frequency conversion | | **Frequency Stability** | High-precision oscillation with low phase noise | ### 3. Key Electronic Features * **Low Phase Noise:** Designed to minimize jitter and noise in the frequency output, which is critical for maintaining clear signal quality in RF transmissions. * **Buffer Amplifier:** Often includes an internal buffer to prevent the load from affecting the oscillator's frequency stability. * **Compact Form Factor:** The "TL" suffix often indicates a specific tape-and-reel packaging for high-speed automated assembly. * **Low Power Consumption:** Optimized for battery-operated portable devices. --- ### 4. Typical Circuit Integration In a standard application, the M5R88TL-R interacts with the following components: 1. **PLL (Phase-Locked Loop):** It acts as the "heart" of the PLL to lock onto a specific target frequency. 2. **Decoupling Capacitors:** Placed near the VCC pin to filter out power supply noise. 3. **Tuning Voltage Pin:** Receives a DC voltage to adjust the output frequency accordingly. ### 5. Common Use Cases * **Wireless Communication:** Frequency generation in UHF/VHF bands. * **Signal Generators:** Providing a stable reference signal. * **Remote Control Systems:** Used in high-end industrial RC transmitters.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M5R88TL-R?
    • ⤷Which manufacturers currently produce equivalents for the M5R88TL-R?
    • ⤷How do I calculate the tuning sensitivity for this specific VCO?