データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R88TP-R

  • AI
    ## Overview of the M5R88TP-R The **M5R88TP-R** is a specific surface-mount electronic component, typically categorized as a **High-Side Power Switch** or a specialized **MOSFET/Transistor array** produced by manufacturers like Mitsubishi or Renesas (often used in automotive and industrial control modules). It is designed to handle power distribution tasks, providing a bridge between low-power logic signals and high-power loads. --- ### 1. Key Technical Specifications While specific parameters can vary slightly by batch, the following are the standard technical characteristics for this series: | Feature | Specification | | :--- | :--- | | **Component Type** | P-Channel Power MOSFET / High-Side Switch | | **Package Type** | TO-252 (DPAK) or similar SMT | | **Max Voltage (Vdss)** | ~60V | | **Current Rating (Id)** | ~20A - 30A (Continuous) | | **Configuration** | Single or Dual Channel (TP-R denotes specific taping/polarity) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Internal Composition and Logic The device is composed of several integrated stages to ensure efficient power switching: * **Gate Control:** A low-voltage input allows a microcontroller (like an Arduino or PLC) to toggle the high-power state. * **P-Channel MOSFET:** This allows the device to act as a "High-Side" switch, meaning it sits between the Power Source and the Load. * **Protection Circuitry:** Many variants in the M5R series include thermal shutdown and over-current protection to prevent the chip from burning out during a short circuit. --- ### 3. Common Applications The M5R88TP-R is most frequently found in environments where durability and heat dissipation are critical: 1. **Automotive ECUs:** Controlling solenoids, fuel injectors, or lighting systems. 2. **DC Motor Control:** Acting as the switching element in H-bridge circuits or unidirectional motor drivers. 3. **Power Management:** Used in battery charging circuits to prevent reverse current flow. 4. **Industrial Automation:** Switching 24V DC loads from logic-level controllers. --- ### 4. Typical Pinout Configuration *Standard DPAK/TO-252 layout for this part number:* | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Gate** | The control pin (Logic Input) | | 2 | **Drain** | The Output (Connects to the Load) | | 3 | **Source** | The Input (Connects to Power Supply) | | Tab | **Drain** | Thermal sink and electrical connection to Drain | --- ### 5. Identification and Substitutes If you are repairing a board and cannot find the exact M5R88TP-R, you must look for: * **Voltage/Current Match:** Ensure the replacement meets the 60V / 25A threshold. * **Rds(on):** Look for a "Low On-Resistance" to prevent overheating. * **Logic Level:** Ensure the new part triggers at the same voltage (e.g., 3.3V or 5V logic).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M5R88TP-R if it is discontinued?
    • ⤷ How do I test if an M5R88TP-R is faulty using a multimeter?
    • ⤷ What is the specific gate threshold voltage required to trigger this component?