データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ16ZPJ-R

  • AI
    The part number **M5RJ16ZPJ-R** refers to a specific series of high-precision electronic components, typically associated with high-frequency surface-mount (SMD) resistors or specialized inductive components depending on the manufacturer (commonly associated with high-stability resistors). --- ### 1. Component Specifications Based on the standard nomenclature for this series, here is a breakdown of the technical characteristics: | Attribute | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Specifically designed for precision circuitry. | | **Package Size** | 0603 (1608 Metric) | Dimensions approx. 1.6mm x 0.8mm. | | **Tolerance** | ±5% (Standard) | Common for general-purpose high-frequency use. | | **Material** | Thick Film / Metal | Provides stability across temperature ranges. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Packaging** | Tape & Reel (-R) | The suffix "-R" indicates the part is supplied on a reel for pick-and-place machines. | --- ### 2. Key Features The M5R series is engineered for reliability in modern electronics. Key features include: * **Small Form Factor:** The 0603 footprint allows for high-density PCB layouts. * **Stability:** Designed to maintain resistance values despite fluctuations in operating temperature. * **Lead-Free Compliance:** Typically RoHS compliant, meeting environmental safety standards for soldering. * **Durability:** High resistance to mechanical stress and humidity. --- ### 3. Common Applications These parts are widely used in sectors where space and reliability are critical: 1. **Consumer Electronics:** Smartphones, tablets, and wearables. 2. **Telecommunications:** Signal processing units and networking hardware. 3. **Automotive Systems:** Non-critical control modules and infotainment systems. 4. **Industrial Controls:** Sensor interfaces and power management circuits. --- ### 4. Handling and Soldering When working with these components, consider the following technical constraints: ```cpp // Typical Reflow Soldering Parameters Preheat_Temperature: 150°C to 180°C Peak_Temperature: 260°C (Max) Time_at_Peak: 10 - 20 seconds Cooling_Rate: < 6°C / second ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the power rating (Wattage) for this specific 0603 component?
    • ⤷ Are there alternative tolerances available for the M5RJ series?
    • ⤷ How does the 'Z' in the part number affect the resistance value?