データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ16ZQJ-R

  • AI
    The **M5RJ16ZQJ-R** is a specific part number typically associated with a **Precision Thin Film Chip Resistor**. These components are widely used in automotive, industrial, and medical electronics where high stability and accuracy are required. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Identification Based on standard industry nomenclature for precision resistors (often associated with manufacturers like **Viking Tech** or **Susumu**), the part number breaks down as follows: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **M5** | Series/Size | Often denotes a 0805 or 1206 SMD package size. | | **RJ** | Resistor Type | Thin Film (Precision) Resistor. | | **16** | Power Rating | Typically 1/16W or a specific voltage rating. | | **ZQJ** | Tolerance/TCR | Indicates specific Temperature Coefficient (e.g., ±25ppm/°C) and Tolerance (e.g., ±0.1%). | | **R** | Packaging | Tape and Reel. | --- ## 2. Technical Specifications Thin film resistors are known for their low noise and high reliability. Here are the typical electrical parameters for this class of component: ### Core Electrical Data * **Resistance Range:** Precision values (variable based on the specific numerical code following the series). * **Tolerance:** Commonly **±0.1%** or **±0.05%** (Ultra-Precision). * **Temperature Coefficient (TCR):** Usually **±25 ppm/°C** to **±50 ppm/°C**. * **Operating Temperature:** -55°C to +155°C. * **Max Working Voltage:** Typically 150V (size dependent). --- ## 3. Thin Film vs. Thick Film It is important to understand why the **M5RJ** series (Thin Film) is chosen over standard Thick Film resistors: | Feature | Thin Film (M5RJ) | Thick Film (Standard) | | :--- | :--- | :--- | | **Accuracy** | Very High (0.01% - 0.1%) | Moderate (1% - 5%) | | **Stability** | Excellent over time/temp | Lower | | **Noise** | Extremely Low | Higher | | **Application** | Medical, Instrumentation | Consumer Electronics | --- ## 4. Common Applications * **Medical Equipment:** Precision measurement in diagnostic tools. * **Automotive Electronics:** Sensors and Engine Control Units (ECUs). * **Telecommunications:** Base station equipment and signal processing. * **Test & Measurement:** Multimeters and laboratory power supplies. --- ## 5. Typical Land Pattern (SMD) If this is a standard 0805 package, the physical dimensions for the PCB layout would be: ```text Length (L): 2.00mm ± 0.15mm Width (W): 1.25mm ± 0.15mm Height (T): 0.55mm ± 0.10mm ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the ZQJ variant of this resistor?
    • ⤷ Are there specific soldering temperature profiles recommended for this thin film series?
    • ⤷ Can this part be substituted with a thick film resistor in a high-frequency circuit?