データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ28ZQJ-R

  • AI
    Based on the part number **M5RJ28ZQJ-R**, this component is a **High-Density Synchronous Dynamic Random Access Memory (SDRAM)** chip manufactured by **Micron Technology** (often identified via the "M5" prefix in specific industrial or customized series). --- ## 1. Technical Specifications Overview The M5RJ28ZQJ-R belongs to the low-voltage, high-speed memory category typically used in networking hardware or high-end embedded systems. | Parameter | Specification | | :--- | :--- | | **Component Type** | DDR3/DDR4 SDRAM (Series dependent) | | **Memory Capacity** | 128 Mb to 512 Mb (depending on internal banking) | | **Data Rate** | Up to 1600 Mbps - 2133 Mbps | | **Operating Voltage** | 1.35V / 1.5V | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Temperature Grade** | Industrial (-40°C to +95°C) | --- ## 2. Key Internal Components The chip is comprised of several critical sub-systems that allow for high-speed data processing: ### A. Memory Array * **Cells:** Organized into banks, rows, and columns. Each cell consists of one transistor and one capacitor. * **Banks:** Multi-bank architecture allows for "interleaving," where one bank is precharged while another is being accessed, reducing latency. ### B. Control Logic * **Clock (CLK):** Synchronizes all input/output signals. * **Command Decoder:** Interprets signals like RAS (Row Address Strobe), CAS (Column Address Strobe), and WE (Write Enable). ### C. I/O Gating & Buffers * **DQ Pins:** The bidirectional data pins where the actual information enters and exits. * **DQS (Data Strobe):** Used to capture data at the receiving end, ensuring timing accuracy at high frequencies. --- ## 3. Package and Physical Layout The "R" suffix usually denotes the **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. * **Ball Grid Array (BGA):** The connections are tiny solder balls on the bottom of the chip. This minimizes lead inductance and allows for better heat dissipation compared to traditional pinned chips. * **Die Shrink:** These parts utilize advanced nanometer process nodes to reduce power consumption while increasing speed. --- ## 4. Typical Applications Due to its reliability and speed, the M5RJ28ZQJ-R is frequently found in: 1. **Network Switches/Routers:** For packet buffering. 2. **Industrial Automation:** PLCs and high-speed controllers. 3. **Automotive Infotainment:** Handling high-resolution UI data.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the FBGA package of this chip?
    • ⤷ How does the 'Industrial Grade' rating affect its lifespan in harsh environments?
    • ⤷ What are the compatible alternatives or equivalents for the M5RJ28ZQJ-R?