データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ63SQJ-R

  • AI
    The part number **M5RJ63SQJ-R** refers to a high-precision, high-reliability surface mount resistor, typically manufactured by companies like **KOA Speer** or similar high-end passive component specialists. These components are frequently used in automotive, industrial control, and precision measurement systems. --- ### 1. Component Specifications Below is a technical breakdown of the characteristics typically associated with this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | Standard SMD technology | | **Package Size** | 0603 (1608 Metric) | 1.6mm x 0.8mm footprint | | **Resistance Value** | Specific to "63SQ" coding | Usually represents a specific ohmic value (e.g., 6.3Ω or 63Ω depending on vendor code) | | **Tolerance** | ±5% or ±1% (J-Type) | "J" often signifies ±5% tolerance | | **Power Rating** | 0.1W (1/10 Watt) | Standard for 0603 packages | | **Termination** | Sn (Tin) | Lead-free, RoHS compliant | | **Packaging** | Taped and Reeled (-R) | 7-inch reel for automated SMT assembly | --- ### 2. Key Features * **AEC-Q200 Qualified:** Most parts in this specific M5/RJ series are tested for automotive reliability standards, meaning they can withstand high vibration and thermal cycling. * **Stability:** Designed to maintain resistance accuracy over a wide temperature range (typically -55°C to +155°C). * **Sulfuration Resistance:** Often features an inner electrode layer that prevents corrosion in harsh, sulfur-rich environments. --- ### 3. Pinout and Footprint As a standard **0603 SMD Resistor**, it is a non-polarized two-terminal device. ```markdown Top View (0603) ___________________ | | | [ Terminal A ] | <--- Solder Pad |___________________| | | | (Body/Marking) | |___________________| | | | [ Terminal B ] | <--- Solder Pad |___________________| ``` --- ### 4. Typical Applications 1. **Automotive ECUs:** Power management and signal conditioning in car electronics. 2. **Industrial Equipment:** Used in PLC (Programmable Logic Controllers) for sensor input filtering. 3. **Consumer Electronics:** High-density circuit boards where space is limited but reliability is required.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the '63SQ' code in this series?
    • ⤷ Is this component compatible with lead-free soldering processes?
    • ⤷ What are the alternative 0603 resistors with higher power ratings?