データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ68ZPJ-R

  • AI
    The **M5RJ68ZPJ-R** is a specific electronic component identifier, typically associated with high-precision **Thin Film Chip Resistors**. These components are widely used in automotive, industrial, and medical electronics where stability and reliability are critical. --- ### 1. Component Overview This part belongs to a class of passive components designed for surface-mount technology (SMT). Unlike standard thick film resistors, thin film resistors offer much tighter tolerances and lower noise. ### 2. Technical Specifications While specific manufacturers (like Panasonic or Susumu) may have slight variations, the nomenclature generally follows this structural breakdown: | Specification | Typical Value | Description | | :--- | :--- | :--- | | **Resistance** | 6.8 MΩ | The nominal resistance value. | | **Tolerance** | ±0.1% to ±5% | Precision rating (depends on specific series suffix). | | **Case Size** | 0603 or 0402 | Standardized EIA surface mount dimensions. | | **Technology** | Thin Film | Metal film deposited on a ceramic substrate. | | **Mounting** | SMD/SMT | Designed for automated pick-and-place assembly. | --- ### 3. Key Electronic Characteristics * **Temperature Coefficient (TCR):** These parts usually feature a low TCR (often ±25ppm/°C or ±50ppm/°C), meaning the resistance remains stable even as the operating temperature changes. * **Low Noise:** Thin film construction results in significantly lower thermal noise compared to thick film resistors, making them ideal for audio and signal processing. * **High Reliability:** Often rated for AEC-Q200 standards, meaning they can withstand harsh vibrations and thermal cycling found in automotive environments. * **Sulfur Resistance:** Many modern variants are designed to resist "sulfuration," a common failure mode in industrial environments with high pollution. --- ### 4. Common Applications 1. **Voltage Division:** Used in precise voltage divider circuits for battery management systems. 2. **Signal Conditioning:** Integral to operational amplifier (Op-Amp) circuits to maintain gain accuracy. 3. **Control Units:** Found in Engine Control Units (ECUs) and Anti-lock Braking Systems (ABS). 4. **Test & Measurement:** Used in multimeters and oscilloscopes where accuracy is paramount. --- ### 5. Identification Code Example If you are looking at the marking on the physical reel or data sheet: ```markdown M5R - Series Identifier (High Stability Thin Film) J - Power Rating/Size Code 68Z - Resistance Code (Multiplier based) PJ-R - Packaging/Tolerance/Finish (Tape and Reel) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin film and thick film resistors in this context?
    • ⤷ What are the standard dimensions for the case size used in this part number?
    • ⤷ How does the TCR value affect the performance of this resistor in automotive applications?