データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ73RQJ-R

  • AI
    Based on the part number **M5RJ73RQJ-R**, this component is a high-precision **SMD (Surface Mount Device) Resistor** typically manufactured by companies like **RoyalOhm** or similar electronic component specialists. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Part Number Breakdown The alphanumeric string provides specific technical details about the component's performance and physical build: | Segment | Characteristic | Description | | :--- | :--- | :--- | | **M5** | Case Size | Often corresponds to a specific metric or imperial size (e.g., 0805 or 1206). | | **RJ** | Type | Metal Film or High Precision Resistor series. | | **73** | Temperature Coefficient | Indicates the PPM (Parts Per Million) stability. | | **R** | Tolerance | Indicates precision (often ±0.01% to ±0.1% depending on the series). | | **QJ** | Resistance Value | Numerical coding for the Ohm value. | | **-R** | Packaging | Typically stands for **RoHS Compliant** or **Tape & Reel** packaging. | --- ### 2. Key Technical Specifications High-precision resistors of this class are designed for stability and accuracy. * **Resistance Precision:** Usually features very low tolerance (e.g., ±0.1%), making it suitable for measurement circuits. * **Temperature Coefficient of Resistance (TCR):** Designed to maintain a stable resistance value even as the temperature of the circuit changes. * **Material:** Often utilizes **Metal Film** technology, which offers lower noise and better reliability than standard carbon film resistors. * **Mounting Type:** SMD/SMT (Surface Mount Technology) for automated PCB assembly. --- ### 3. Common Applications Due to its high precision, the **M5RJ73RQJ-R** is commonly found in: 1. **Medical Equipment:** Monitoring devices where signal accuracy is critical. 2. **Instrumentation:** Multimeters, scales, and industrial sensors. 3. **Telecommunications:** Signal processing and filtering circuits. 4. **Automotive Electronics:** Control units requiring high thermal stability. --- ### 4. Handling and Storage | Feature | Recommendation | | :--- | :--- | | **Soldering** | Compatible with Reflow and Wave soldering processes. | | **ESD Sensitivity** | Generally low, but standard ESD precautions are recommended for the PCB. | | **Moisture Sensitivity** | Usually rated MSL 1 (Unlimited floor life at <30°C/85% RH). |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the QJ code?
    • ⤷ Is there a direct equivalent from Vishay or Yageo?
    • ⤷ What is the maximum wattage rating for this specific package size?