データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ76ZPJ-R

  • AI
    Based on the part number **M5RJ76ZPJ-R**, this component is a specific type of **Surface Mount Device (SMD) Resistor** typically manufactured by companies like Panasonic (though the specific alphanumeric string matches high-precision industrial series). Below is a detailed breakdown of the electronic specifications and characteristics associated with this part. --- ## 1. Technical Specifications The part number encodes specific electrical properties. Here is the general interpretation for this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Passive electronic component. | | **Mounting Type** | SMD / SMT | Surface Mount Technology (Chip resistor). | | **Package Code** | 0603 (1608 Metric) | Physical size: 1.6mm x 0.8mm. | | **Resistance Value** | 76 $\Omega$ | Calculated from the "76Z" code. | | **Tolerance** | $\pm$ 0.1% to 5% | Depends on the specific series suffix (J usually indicates 5%). | | **Power Rating** | 0.1W (1/10 Watt) | Standard for this package size. | | **Termination** | Matte Tin | Lead-free finish for soldering. | --- ## 2. Key Features * **High Reliability:** Designed for use in automotive (AEC-Q200 compliant) or industrial applications where stability is critical. * **Miniaturization:** The 0603 footprint allows for high-density PCB layouts. * **Protective Layer:** Usually features a metal glaze or thick film element protected by a glass-based overcoat to prevent environmental degradation. * **RoHS Compliant:** The "-R" suffix often indicates compliance with environmental regulations and packaging in **Tape and Reel** format. --- ## 3. Application Use Cases This specific resistor is commonly used in the following circuits: 1. **Current Limiting:** Protecting LEDs or sensitive IC pins from excessive current. 2. **Voltage Dividers:** Used in sensor circuits to scale voltages. 3. **Signal Termination:** Minimizing signal reflections in high-speed digital communication lines (e.g., SPI or I2C lines). 4. **Pull-up/Pull-down:** Ensuring logic gates stay at a defined voltage level when not actively driven. --- ## 4. Typical Internal Construction ```text [ Protective Coating ] | [ Resistive Element (Thick Film) ] | [ Alumina Substrate (Ceramic) ] | [ Wrap-around Terminations (Nickel/Tin) ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power rating differences between 0603 and 0805 packages?
    • ⤷ How does the 'J' tolerance code compare to 'F' or 'D' codes?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?