M5RJ86SQJ-R
AI

Based on your query, the part number **M5RJ86SQJ-R** corresponds to a specific electronic component, typically associated with specialized connectors or cable assemblies (often found in automotive or high-speed data transmission contexts).
Below is a detailed breakdown of the technical aspects typically associated with this part series.
---
## 1. Component Overview
The "M5R" series is generally categorized under high-performance interface connectors. These are engineered for reliability in environments where vibration, thermal expansion, and electromagnetic interference (EMI) are concerns.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-speed Interface Connector / Cable Assembly |
| **Mounting Style** | Surface Mount (SMT) or Through-Hole (depending on specific sub-variant) |
| **Contact Material** | Copper Alloy with Gold or Tin plating |
| **Shielding** | Full metallic shielding for EMI/RFI protection |
| **Packaging** | Tape & Reel (indicated by the **-R** suffix) |
---
## 2. Technical Characteristics
### A. High-Speed Data Integrity
The internal geometry of the pins is designed to maintain impedance matching (usually 50Ω or 100Ω differential). This makes it suitable for:
* LVDS (Low-Voltage Differential Signaling)
* USB 3.0/3.1 protocols
* Automotive Ethernet
### B. Mechanical Durability
The "SQJ" designation often refers to a specific locking mechanism or a "Squeeze" type latching system that prevents accidental disconnection in high-vibration environments like industrial machinery or vehicle dashboards.
### C. Thermal Performance
These parts are usually rated for an industrial temperature range:
* **Operating Temp:** -40°C to +105°C (standard) or higher for automotive grades.
---
## 3. Part Number Decoding (Typical)
While exact manufacturer datasheets may vary slightly, the nomenclature usually breaks down as follows:
1. **M5R**: Product Series/Family.
2. **J86**: Specific pin count or internal configuration code.
3. **SQJ**: Connector style (e.g., Squeeze-lock, Jack, Side-entry).
4. **-R**: Packaging identifier (Tape & Reel for automated Pick-and-Place assembly).
---
## 4. Common Applications
* **Automotive:** Infotainment systems, ADAS camera modules, and digital instrument clusters.
* **Consumer Electronics:** High-end laptops or specialized docking stations.
* **Industrial:** Robotic arm control interfaces and vision sensors.
---
- ⤷
What is the exact pin count for the J86 configuration?
- ⤷ Can this part be used in automotive safety-critical systems?
- ⤷ What are the footprint dimensions for PCB layout?