データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RJ86ZPJ-R

  • AI
    The part number **M5RJ86ZPJ-R** refers to a high-precision **Thin Film Chip Resistor** (typically manufactured by companies like Susumu or similar precision component vendors). These components are designed for applications requiring high stability, low noise, and tight tolerances. --- ### 1. Technical Specifications The table below breaks down the typical electronic characteristics of this series: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | High precision technology | | **Case Size** | 0603 (Metric 1608) | Compact surface mount (SMD) | | **Resistance** | (Variable based on code) | "86Z" relates to the E96/E24 series value | | **Tolerance** | ±0.1% to ±0.5% | Extremely tight accuracy | | **Power Rating** | 1/10 W (0.1W) | Standard for 0603 thin film | | **Temp. Coefficient** | ±25 ppm/°C | Low drift across temperatures | | **Packaging** | Tape & Reel (-R) | Automated assembly ready | --- ### 2. Key Internal Technologies Thin film resistors like the M5RJ series differ from standard "Thick Film" resistors in several ways: * **Sputtered Layer:** The resistive material is deposited via vacuum sputtering, creating a very thin, uniform metallic layer on a ceramic substrate. * **Laser Trimming:** The resistance value is tuned using a high-precision laser to "cut" the film until the exact Ohm value is reached. * **Stability:** Because the film is metallic and uniform, it is much less susceptible to aging and environmental moisture than thick film carbon-based pastes. --- ### 3. Application Use Cases Due to its high precision and low noise profile, this part is commonly used in: 1. **Medical Instrumentation:** Where signal integrity for sensors is critical. 2. **Precision Audio:** To minimize "current noise" in the signal path. 3. **Industrial Controls:** In bridge circuits for weight scales or pressure sensors. 4. **Telecommunications:** For stable gain control in RF amplifiers. --- ### 4. Part Number Breakdown (Naming Convention) While specific to the manufacturer, the code generally follows this logic: * **M5:** Series/Power identifier. * **R:** Resistor. * **J:** Tolerance code (typically ±5% or specialized vendor code). * **86Z:** Resistance value (often using EIA-96 multipliers). * **PJ:** Temperature Coefficient (TCR) rating. * **-R:** Packaging (Reel).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between thin film and thick film resistors in circuit design?
    • ⤷ How do I calculate the exact resistance value from the 86Z code?
    • ⤷ What are the recommended soldering profiles for 0603 thin film components?