データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RS-06-R

  • AI
    The **M5RS-06-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for regulating voltage and filtering noise. --- ## 1. Core Specifications The M5RS-06-R belongs to a family of high-current, low-profile inductors. Below are the typical technical parameters for this series: | Property | Typical Value / Description | | :--- | :--- | | **Inductance** | Usually specified by the numeric code (e.g., 6.8µH or similar depending on the specific manufacturer batch) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Package Size** | 5mm x 5mm x 3mm (approximate based on M5 naming convention) | | **Core Material** | Ferrite or Metal Alloy | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "RS" designation often indicates a **shielded construction**. This means the magnetic flux is contained within the component, which: * Reduces Electromagnetic Interference (EMI) to nearby components. * Protects the inductor from external magnetic noise. ### B. High Current Handling Designed for DC-DC converters, these inductors can handle significant **Saturation Current ($I_{sat}$)** and **Heating Current ($I_{rms}$)** without the inductance dropping significantly or the part overheating. ### C. Low DCR (DC Resistance) The internal copper winding is optimized for low resistance. This minimizes power loss (heat generation) and increases the overall efficiency of the power supply. --- ## 3. Common Applications The M5RS-06-R is primarily used in compact electronic devices where power efficiency and space are critical: 1. **DC-DC Converters:** Buck (step-down) or Boost (step-up) converters. 2. **Mobile Electronics:** Smartphones, tablets, and portable gaming consoles. 3. **LED Drivers:** Providing steady current to high-brightness LEDs. 4. **Computer Peripherals:** SSDs, graphics cards, and motherboards. --- ## 4. Typical Internal Circuit Representation In a schematic, the M5RS-06-R is represented as a standard inductor, often placed between a switching regulator and the output load. ```text Switching Node (SW) V-Output | ____ | |-------|LLLL|----------| | (Inductor) | | [Cap] (GND) | (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for the M5RS-06-R?
    • ⤷ Can this inductor be used in high-frequency automotive applications?
    • ⤷ What are the footprint dimensions for soldering this part onto a PCB?