データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5RS-41W-R

  • AI
    The **M5RS-41W-R** is a high-performance, industrial-grade **Solid State Relay (SSR)** manufactured by **Menics** (or associated brands like Hanyoung Nux in specific markets). It is designed for high-speed switching and long-term durability in automation systems. --- ### ## Technical Specifications Overview The "41W" designation typically refers to its input/output voltage ratings and its Slim (6.2mm) profile, which is optimized for DIN rail mounting. | Feature | Specification | | :--- | :--- | | **Input Voltage (Control)** | 24V DC | | **Load Voltage (Output)** | 5 - 48V DC | | **Load Current** | 100mA (Signal type) | | **Switching Type** | DC Switching (Transistor Output) | | **Response Time** | High speed (typically < 1ms) | | **Mounting Type** | 35mm DIN Rail | | **Width** | 6.2 mm (Ultra-slim) | --- ### ## Key Electronic Components & Features ### 1. Optical Isolation The "RS" series utilizes an **Optocoupler** (Phototransistor) to separate the control circuit (Input) from the load circuit (Output). * **Benefit:** This prevents electrical noise or surges from the high-power side from damaging the PLC or Microcontroller on the control side. ### 2. Transistor Output (DC Switching) Unlike mechanical relays that use copper contacts, the M5RS-41W-R uses a **Power MOSFET or Bipolar Transistor**. * **No Moving Parts:** Eliminates mechanical wear and contact "arcing." * **Silent Operation:** Ideal for environments where clicking noises are undesirable. * **High Frequency:** Can be switched on and off thousands of times per minute. ### 3. Integrated Protection & Diagnostics * **LED Indicator:** A built-in green or red LED allows for immediate visual verification of the input status. * **Reverse Polarity Protection:** Prevents damage to the internal circuitry if the 24V DC input wires are swapped. --- ### ## Comparison: SSR vs. Mechanical Relay | Feature | M5RS-41W-R (SSR) | Standard Mechanical Relay | | :--- | :--- | :--- | | **Life Cycle** | Nearly infinite (Semi-conductor) | Limited (Mechanical wear) | | **Switching Speed** | Microseconds | Milliseconds | | **EMC Noise** | Very Low | High (Back-EMF) | | **Current Capacity** | Lower (100mA in this model) | Higher (5A - 10A) | --- ### ## Application Use Cases * **PLC Output Expansion:** Interfacing low-power PLC signals to small DC loads. * **Signal Conversion:** Converting a 24V signal to a different voltage level for sensors. * **High-Speed Pulsing:** Controlling small solenoids or valves that require rapid cycling.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the M5RS-41W-R?
    • ⤷ Can this relay be used to switch AC loads?
    • ⤷ What is the recommended wiring gauge for the 6.2mm slim terminals?