データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5TS-7D-R

  • AI
    The **M5TS-7D-R** is a specific model of a **digital temperature controller** or **thermostat**, commonly used in industrial automation, HVAC systems, and precision heating/cooling applications. It belongs to a class of compact, DIN-rail or panel-mounted controllers designed for high accuracy. ### 1. Key Technical Specifications Below are the primary electronic and operational characteristics: | Feature | Specification | | :--- | :--- | | **Model** | M5TS-7D-R | | **Display Type** | 7-Segment LED (typically 3 or 4 digits) | | **Output Type** | Relay Output (designated by the "-R") | | **Control Mode** | ON/OFF or PID Control | | **Input Sensor** | Thermocouples (K, J, etc.) or RTD (Pt100) | | **Power Supply** | Usually 100-240V AC (Standard Industrial Range) | | **Mounting** | 48x48 mm (1/16 DIN size) or specialized rail mount | --- ### 2. Internal Electronic Components The device functions through a series of interconnected electronic stages: #### A. Input Section (Sensor Interface) * **Analog-to-Digital Converter (ADC):** The raw voltage from a thermocouple or resistance change from a Pt100 is very small. The ADC converts this analog signal into a digital value the processor can understand. * **Cold Junction Compensation (CJC):** For thermocouple inputs, internal electronics compensate for the ambient temperature at the controller terminals. #### B. Control Logic (Microcontroller) * **MCU (Microprocessor):** This is the "brain" that compares the current temperature (Process Value - PV) against the desired temperature (Set Value - SV). * **PID Algorithm:** If configured for PID, the processor calculates proportional, integral, and derivative values to maintain a stable temperature without overshoot. #### C. Output Section (Relay) * **Electromechanical Relay:** The "-R" suffix indicates a physical relay. This acts as an electronic switch. When the controller calls for heat, the MCU sends a signal to a transistor that energizes the relay coil, closing the circuit to the heater or cooling fan. * **Contact Rating:** Typically rated for **3A to 5A at 250V AC**. --- ### 3. Terminal Wiring Diagram (General) While you should always consult the specific manual for your unit, the standard electronic pinout usually follows this structure: | Terminal Group | Function | | :--- | :--- | | **Power Input** | Terminals for L (Live) and N (Neutral) | | **Sensor Input** | Terminals for + and - (Thermocouple) or 3-wire RTD | | **Relay Output** | COM (Common), NO (Normally Open), and NC (Normally Closed) | --- ### 4. Comparison: Relay (-R) vs. SSR (-S) It is important to note why this model uses a **Relay (-R)** output rather than a **Solid State Relay (-S)** drive: 1. **Mechanical Life:** Relays have a finite lifespan (e.g., 100,000 cycles) because they have moving parts. 2. **Current Handling:** Relays can switch AC loads directly within their rated capacity, whereas an SSR output provides a small DC voltage to trigger an external power controller. 3. **Isolation:** Physical relays provide excellent galvanic isolation between the control circuit and the load. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M5TS-7D-R relay output?
    • ⤷ Can the M5TS-7D-R be switched between Fahrenheit and Celsius display?
    • ⤷ Does this model support Modbus or RS485 communication for remote monitoring?