データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5TS-85-R

  • AI
    The **M5TS-85-R** is a high-performance, precision temperature sensor module designed primarily for industrial and automotive applications. It belongs to the M5 series of thermal sensors, often utilized for non-contact temperature measurement. Below is a breakdown of its electronic components, specifications, and functional architecture. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Infrared (IR) Thermopile | | **Operating Voltage** | 3.0V to 5.5V DC | | **Temperature Range** | -40°C to +85°C (Ambient), up to +300°C (Object) | | **Accuracy** | ±0.5°C to ±1.0°C (within specific ranges) | | **Communication Interface** | I2C (Inter-Integrated Circuit) | | **Package Type** | Surface Mount / Compact Module | --- ### 2. Core Electronic Components The M5TS-85-R is more than just a sensing element; it is an integrated system-in-package (SiP). Its internal electronics consist of: #### A. Infrared Thermopile Element The heart of the device is a MEMS-based thermopile. It converts thermal energy (infrared radiation) from an object into a tiny electrical voltage (Seebeck effect). #### B. Low-Noise Amplifier (LNA) Because the voltage produced by the thermopile is in the microvolt range, an internal high-precision amplifier is used to boost the signal before it reaches the processing stage. #### C. 24-bit Analog-to-Digital Converter (ADC) To ensure high resolution and sensitivity, the analog signal is digitized using a high-bit-depth ADC. This allows the sensor to detect minute changes in temperature. #### D. Digital Signal Processor (DSP) The onboard DSP handles: * **Linearization:** Correcting the non-linear output of the IR sensor. * **Compensation:** Adjusting the reading based on the ambient temperature of the sensor itself (cold-junction compensation). --- ### 3. Pinout and Connection Logic The device typically utilizes a 4-pin interface to communicate with microcontrollers (like Arduino, ESP32, or STM32): 1. **VDD:** Power supply (3.3V/5V). 2. **GND:** Common ground. 3. **SCL:** I2C Clock line for synchronization. 4. **SDA:** I2C Data line for bidirectional communication. --- ### 4. Implementation Example (Pseudocode) To interface with the M5TS-85-R, you would typically use an I2C library. ```cpp #include #define M5TS_ADDR 0x5A // Typical I2C address void setup() { Wire.begin(); Serial.begin(115200); } void loop() { Wire.beginTransmission(M5TS_ADDR); Wire.write(0x07); // Register for Object Temperature Wire.endTransmission(false); Wire.requestFrom(M5TS_ADDR, 2); if(Wire.available() <= 2) { uint16_t raw = Wire.read() | (Wire.read() << 8); float temp = raw * 0.02 - 273.15; // Conversion formula Serial.println(temp); } delay(500); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the field of view (FOV) for the M5TS-85-R?
    • ⤷ How does this sensor handle emissivity corrections for different surfaces?
    • ⤷ Can the M5TS-85-R be used for medical-grade body temperature measurement?