データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5TS-8A-R

  • AI
    The **M5TS-8A-R** is a high-performance, ultra-low profile SMT (Surface Mount Technology) tact switch, typically utilized in space-constrained electronic designs. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### ## 1. Technical Specifications The following table outlines the core electrical and physical characteristics of the M5TS-8A-R: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMT), Side Actuated | | **Current Rating** | 50mA | | **Voltage Rating** | 12V DC | | **Contact Resistance** | 100 mΩ Max (Initial) | | **Insulation Resistance** | 100 MΩ Min @ 100V DC | | **Operating Force** | 1.6N (± 0.5N) | | **Travel (Stroke)** | 0.20 mm | | **Operating Life** | 100,000 Cycles | --- ### ## 2. Key Electronic Components & Materials The reliability of this switch is derived from its specific material composition: * **Contacts:** Usually Silver-plated stainless steel or copper alloy to ensure low contact resistance and prevent oxidation. * **Terminals:** Lead-free plating suitable for reflow soldering processes. * **Actuator:** Heat-resistant thermoplastic (LCP - Liquid Crystal Polymer) to withstand high temperatures during PCB assembly. * **Internal Dome:** The "Tactile" feel comes from a metallic snap-dome that bridges the circuit when depressed. --- ### ## 3. Application Use-Cases Because of its small footprint and side-actuated orientation, the M5TS-8A-R is commonly found in: 1. **Wearable Electronics:** Smartwatches and fitness trackers where internal vertical space is limited. 2. **Mobile Devices:** Volume rockers or power buttons on smartphones and tablets. 3. **Medical Equipment:** Portable diagnostic tools requiring high-cycle reliability. 4. **IoT Sensors:** Reset buttons or user-input triggers in compact sensor nodes. --- ### ## 4. Typical Circuit Integration In a digital circuit, the switch is usually implemented with a pull-up or pull-down resistor to prevent "floating" inputs. ```cpp // Example: Basic Arduino Logic for a Tactile Switch const int switchPin = 2; // Connected to M5TS-8A-R void setup() { pinMode(switchPin, INPUT_PULLUP); // Uses internal resistor } void loop() { int state = digitalRead(switchPin); if (state == LOW) { // Switch is pressed (Circuit Closed) } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific footprint dimensions for the M5TS-8A-R PCB layout?
    • ⤷ How does side-actuation differ from top-actuation in terms of mechanical stress?
    • ⤷ Are there waterproof (IP-rated) versions of this specific switch?