データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5VF-66-R

  • AI
    The **M5VF-66-R** is a specific surface-mount (SMD) electronic component, most commonly categorized as a **Wire-Wound Power Inductor** or a high-current inductor used in power management circuits. These components are designed to store energy in a magnetic field and are critical in DC-DC conversion. --- ### 1. Key Technical Specifications While specific datasheets can vary slightly by manufacturer, components in this series generally follow these specifications: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded/Wire-wound) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance** | Usually represented by the "66" or surrounding codes (check specific batch) | | **Core Material** | Ferrite or Carbonyl Iron (High Saturation) | | **Shielding** | Magnetically shielded to prevent EMI interference | | **Application** | Voltage Regulator Modules (VRM), Buck/Boost converters | --- ### 2. Internal Electronic Structure The part consists of three primary physical elements: 1. **Copper Coil:** A high-purity copper wire wound around a core. The "66" often refers to a specific winding count or an inductance value in microhenries (µH) depending on the brand's nomenclature. 2. **Magnetic Core:** Usually a ferrite core that concentrates the magnetic flux, allowing for higher inductance in a smaller footprint. 3. **Encapsulation:** A molded resin or metal-composite shell that protects the wire and reduces audible noise (coil whine). --- ### 3. Usage in Circuitry The M5VF-66-R is typically found in the **Power Stage** of electronic devices. Below is a simple representation of its role in a Buck Converter: ```python # Functional placement in a Power Circuit Input_Voltage (Vin) --> Switching_MOSFET --> [ M5VF-66-R Inductor ] --> Output_Voltage (Vout) | Filter_Capacitor | Ground ``` **Main Functions:** * **Energy Storage:** It stores energy when the switch is ON and releases it when the switch is OFF to maintain a steady output. * **Ripple Filtering:** It smooths out the high-frequency switching noise from power supplies. * **Current Limiting:** It prevents sudden spikes in current that could damage sensitive ICs. --- ### 4. Common Failure Modes If you are troubleshooting this part, look for these signs of failure: * **Saturation:** If the current exceeds the rated limit, the inductor loses its properties, causing the circuit to overheat. * **Short Circuit:** The insulation on the copper wire can melt due to excessive heat, shorting the turns. * **Physical Cracking:** The ferrite core is brittle; mechanical stress or thermal shock can crack it, significantly altering its inductance.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value (uH) for the '66' marking on this series?
    • ⤷ Which manufacturers are the primary producers of the M5VF series?
    • ⤷ Can this inductor be replaced with a non-shielded version in a power circuit?