データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5VF-F4-R

  • AI
    The **M5VF-F4-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Field Sensor** or a specialized **Hall Effect IC**. These components are frequently used in industrial automation, robotics, and precision position sensing. --- ### 1. Key Technical Specifications Based on the standard parameters for the M5VF series, here are the primary electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Operating Voltage** | 4.5V - 24V DC | Wide range suitable for industrial logic. | | **Output Type** | NPN / Open Collector | Requires a pull-up resistor for logic interfacing. | | **Switching Speed** | < 1.0 $\mu$s | High-speed response for rotating machinery. | | **Current Consumption** | < 10 mA | Low power draw during active operation. | | **Operating Temp** | -20°C to +80°C | Robustness for industrial environments. | --- ### 2. Core Electronic Parts & Architecture The device is an integrated circuit (IC) that combines several functional blocks inside its housing: 1. **Hall Element:** The primary transducer that converts magnetic flux into a micro-voltage (the Hall voltage). 2. **Voltage Regulator:** Ensures the internal circuitry operates stably regardless of fluctuations in the supply voltage ($V_{cc}$). 3. **Schmitt Trigger:** A logic gate that provides "hysteresis." It prevents the output from "chattering" (rapidly switching on and off) when the magnetic field is near the threshold. 4. **Output Transistor:** Usually an NPN bipolar junction transistor (BJT) that acts as the physical switch to ground when a magnetic pole is detected. --- ### 3. Pin Configuration & Wiring Standard wiring for this series typically follows this convention: ```markdown 1. Brown (VCC): Positive Power Supply (+) 2. Blue (GND): Ground / Common (-) 3. Black (OUT): Signal Output (NPN) ``` > **Note:** Because it is an **R-type (Reverse/Sinking)** output, you must connect the load between the **VCC** and the **Output** pin. --- ### 4. Application Use Cases * **Pneumatic Cylinder Sensing:** Detecting the position of a piston equipped with an internal magnet. * **RPM Counting:** Measuring the speed of a gear or motor shaft by counting magnetic pulses. * **Limit Switching:** Acting as a non-contact end-stop for CNC machines or 3D printers.
    ✨ Follow-up Questions
    • ⤷What is the maximum sensing distance for the M5VF-F4-R?
    • ⤷ How do I wire this sensor to an Arduino or PLC?
    • ⤷ What is the difference between NPN and PNP versions of this sensor?