データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60011JVC-R

  • AI
    The **M60011JVC-R** is a specialized semiconductor component, primarily identified as an Application Specific Integrated Circuit (ASIC) or a microcomputer peripheral chip, often found in automotive electronics and precision control systems. Below is a detailed breakdown of its electronic characteristics and functional role. --- ### 1. Technical Specifications Overview The "M6" prefix usually points toward the **Mitsubishi (now Renesas)** line of ICs. These are often used for system control or interface management. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Logic Controller | | **Manufacturer** | Mitsubishi Electric / Renesas Electronics | | **Package Type** | QFP (Quad Flat Package) or SOP (Small Outline Package) | | **Primary Application** | Automotive Audio, Industrial Control, or Power Management | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Electronic Functions While specific datasheets for custom JVC-suffixed parts can be proprietary, the M60011 series generally handles the following electronic tasks: * **Logic Level Conversion:** Acting as a bridge between different voltage levels (e.g., 5V logic and 3.3V logic). * **System Supervision:** Monitoring power rails and providing a "Reset" signal to the main CPU if voltage drops below a threshold. * **Bus Interface:** Managing communication between the main processor and peripheral components (like an LCD driver or a CD/DVD mechanism in JVC head units). * **Thermal Management:** Some variants include internal thermal shutdown circuitry to protect the board from overheating. --- ### 3. Common Usage Context The **"JVC"** suffix in the part number often indicates a custom-masked version or a version specifically binned for **JVC Kenwood** hardware. You will typically find this part in: 1. **Car Audio Receivers:** Handling the logic for the front panel or the motorized mechanism. 2. **Video Equipment:** Managing synchronization signals or internal power distribution. 3. **Optical Drive Controllers:** Controlling the servo motors and laser intensity tracking. --- ### 4. Identification and Troubleshooting If you are repairing a board containing this chip, observe the following: ```markdown 1. Inspect the pins for "cold solder joints" or oxidation. 2. Measure the VCC (Power) and GND (Ground) pins to ensure the chip is receiving stable DC voltage. 3. Check for physical discoloration on the package, which indicates an internal short-circuit. ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the M60011JVC-R still in active production or is it an EOL component?
    • ⤷ What are the pin-compatible alternatives for the M60011 series?
    • ⤷ How do I test the logic output of this IC using an oscilloscope?