データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60011LFCK-R

  • AI
    The **M60011LFCK-R** is a specific part number belonging to a series of **Gate Array** or **Application-Specific Integrated Circuits (ASICs)**, historically manufactured by Mitsubishi Electric (now part of Renesas Electronics). These components are often used in specialized industrial equipment, automotive systems, or consumer electronics as logic controllers. --- ### 1. General Specifications While specific datasheets for "LFCK-R" suffixes can be proprietary to the OEM (Original Equipment Manufacturer), the M60011 series generally follows these parameters: | Attribute | Specification | | :--- | :--- | | **Component Type** | CMOS Gate Array / Custom Logic IC | | **Logic Gates** | Typically 500 to 2,000 gates (depending on density) | | **Package Type** | QFP (Quad Flat Package) or SOP (Small Outline Package) | | **Voltage Range** | Generally 3.3V to 5.0V | | **Technology** | CMOS (Low Power Consumption) | --- ### 2. Functional Electronic Parts Inside the M60011LFCK-R, the architecture consists of several fundamental electronic building blocks: 1. **I/O Buffers:** These are the interface pins that handle signal input and output. They include protection diodes to prevent damage from Electrostatic Discharge (ESD). 2. **Logic Cells:** The "core" of the chip, consisting of NAND, NOR, and NOT gates. In a Gate Array, these are pre-fabricated, and only the final metal layers are customized to create a specific circuit. 3. **Clock Distribution Network:** Internal circuitry that ensures timing signals reach all parts of the chip simultaneously to prevent "skew." 4. **SRAM/Flip-Flops:** Internal memory elements used for state storage and sequential logic operations. --- ### 3. Common Applications Due to its nature as a custom logic chip, you will find this part in: * **Legacy Computing:** Disk drive controllers or peripheral interfaces. * **Industrial Automation:** PLC (Programmable Logic Controller) interface modules. * **Automotive:** Engine control unit (ECU) sub-systems or dashboard controllers. ### 4. Identification and Sourcing The suffix **-R** often denotes compliance with environmental standards (such as RoHS) or specific reel-based packaging for automated assembly lines. > **Note:** Because this is an ASIC/Gate Array, if this chip fails on a circuit board, it cannot usually be replaced with a generic "off-the-shelf" chip. It must be replaced with a part programmed with the exact same logic code, typically salvaged from an identical donor board. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Gate Array and a standard FPGA?
    • ⤷ How can I test if the M60011LFCK-R chip is functioning correctly?
    • ⤷ Are there modern pin-to-pin replacements for this IC?