データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60018KFD-R

  • AI
    The **M60018KFD-R** is a specialized power semiconductor device, typically categorized as an **N-Channel Power MOSFET** or an **IGBT module** depending on the specific manufacturer (commonly associated with RENESAS or generic industrial power parts). These components are designed for high-efficiency switching and power management in industrial environments. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer, parts in this series generally follow these parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | N-Channel | Configuration for switching the negative side of the load. | | **Voltage (Vds/Vce)** | 60V - 100V | Maximum voltage the part can withstand in the OFF state. | | **Current (Id)** | 18A - 30A | Continuous current handling capability. | | **Package** | TO-252 / DPAK | Surface-mount package optimized for thermal dissipation. | | **Rds(on)** | Low (mΩ range) | Internal resistance when fully ON, minimizing heat loss. | --- ### 2. Core Electronic Components & Architecture The "KFD" suffix often points to specific automotive or industrial reliability standards. Internally, the part consists of: * **Gate Oxide Layer:** A thin insulating layer that allows the device to be voltage-controlled (high input impedance). * **Source/Drain Regions:** Highly doped silicon areas designed to handle high current densities. * **Body Diode:** An intrinsic diode that allows freewheeling current, protecting the part from inductive spikes. --- ### 3. Common Applications Due to its switching speed and thermal characteristics, the M60018KFD-R is frequently used in: 1. **DC-DC Converters:** Stepping down battery voltages for electronic control units (ECUs). 2. **Motor Control:** Pulse Width Modulation (PWM) circuits for small to medium DC motors. 3. **Power Management:** Battery protection circuits and load switching in automotive systems. 4. **LED Drivers:** High-frequency switching for high-brightness lighting arrays. --- ### 4. Thermal & Mounting Considerations Because this is a power part, heat management is critical: * **Heat Sinking:** The metal tab (Drain) is usually soldered to a large copper plane on the PCB to act as a heat sink. * **Switching Losses:** At high frequencies, the device generates heat during the transition between ON and OFF states. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M60018KFD-R?
    • ⤷ Can this part be used in automotive 'AEC-Q101' certified applications?
    • ⤷ What are the pin-compatible alternatives for this MOSFET?