M60018KVD-R
AI

The **M60018KVD-R** is an automotive-grade, high-voltage N-Channel Enhancement Mode MOSFET commonly used in power management and switching applications. This component is typically manufactured by brands like **Magnachip** (though similar numbering exists in other proprietary catalogs).
---
### ## 1. Key Technical Specifications
The "KVD-R" suffix usually denotes a specific package type (often TO-252/DPAK) and compliance with environmental standards.
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 600V | Maximum voltage the device can handle across D-S. |
| **Continuous Drain Current ($I_D$)** | 18A | Maximum current at $T_C = 25^\circ C$. |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | ~0.19 - 0.28 $\Omega$ | Resistance when the gate is fully biased. |
| **Gate Threshold Voltage ($V_{GS(th)}$)** | 2.0V to 4.0V | Voltage required to begin conduction. |
| **Total Gate Charge ($Q_g$)** | ~45 - 60 nC | Determines switching speed and drive requirements. |
| **Operating Temperature** | -55°C to +150°C | Standard industrial/automotive range. |
---
### ## 2. Core Features
* **Super Junction Technology:** Many 600V 18A MOSFETs in this series utilize Super Junction technology to achieve lower $R_{DS(on)}$ and lower gate charge compared to standard planar MOSFETs.
* **Fast Switching:** Optimized for high-frequency operation with minimal switching losses.
* **High Avalanche Ruggedness:** Designed to withstand voltage spikes and inductive energy (UIS - Unclamped Inductive Switching).
* **RoHS Compliant & Lead-Free:** The "-R" suffix usually indicates compliance with environmental "Green" regulations.
---
### ## 3. Common Applications
Due to its high voltage rating and moderate current capacity, it is frequently found in:
1. **PFC (Power Factor Correction):** Used in the front end of power supplies to improve efficiency.
2. **SMPS (Switching Mode Power Supplies):** Main switching transistor for AC-DC adapters and server power units.
3. **LED Lighting Drivers:** Used in high-wattage industrial lighting power stages.
4. **DC-DC Converters:** For high-voltage telecommunication and industrial equipment.
---
### ## 4. Pin Configuration (TO-252 / DPAK)
If the part is in the standard DPAK (KVD) housing, the pinout is as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Gate** | Controls the switching state of the MOSFET. |
| 2 / Tab | **Drain** | The main current entry point (connected to the heatsink tab). |
| 3 | **Source** | The current exit point (common/ground). |
---
- ⤷
What are the equivalent cross-reference parts for the M60018KVD-R?
- ⤷ How does the Super Junction technology in this MOSFET improve efficiency compared to standard planar models?
- ⤷ What is the recommended gate driver circuit for an 18A 600V MOSFET?