データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60018LVCK-R

  • AI
    The **M60018LVCK-R** is a specialized semiconductor component, typically classified as a **Low Voltage Complementary Metal-Oxide-Semiconductor (LVCMOS)** integrated circuit. While the exact internal architecture can vary by manufacturer (often associated with Renesas or Mitsubishi legacies), it generally functions as a high-speed logic gate or buffer within power management and signal conditioning circuits. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of components: | Parameter | Specification | | :--- | :--- | | **Logic Family** | LVCMOS / LVC | | **Operating Voltage ($V_{CC}$)** | 1.65V to 3.6V | | **Input Type** | Over-voltage tolerant (5V tolerant inputs) | | **Output Current** | High Drive (typically $\pm$24mA at 3.0V) | | **Package Type** | SOT / SSOP (depending on specific suffix) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Characteristics The "LVC" in the part number signifies **Low Voltage CMOS**, which provides several advantages in modern electronic design: * **Low Power Consumption:** Minimal static power dissipation compared to older TTL or standard CMOS families. * **High Speed:** Low propagation delay (often $< 5$ns), making it suitable for clock distribution or fast data buses. * **Voltage Translation:** Because the inputs are often 5V tolerant even when the device is powered by 3.3V, it can act as a "level shifter" between different logic domains. --- ### 3. Pinout and Internal Logic While the specific gate configuration (AND, OR, NOT, or Buffer) depends on the exact sub-part, the **M60018** series typically follows standard logic pinouts: 1. **Vcc:** Power Supply Input. 2. **GND:** Ground Reference. 3. **Inputs (A, B, etc.):** Control signals. 4. **Outputs (Y, Z, etc.):** Resultant logic signals. --- ### 4. Common Applications * **Mobile Devices:** Due to low voltage requirements and small footprint. * **Signal Buffering:** Used to strengthen a signal that needs to travel across a PCB to multiple components. * **Bus Driving:** Interfacing between a processor and peripheral memory or sensors. * **Industrial Automation:** Providing logic isolation and signal conditioning. --- ### 5. Part Number Breakdown (Typical) * **M60018:** Base part series identifier. * **LV:** Low Voltage technology. * **CK:** Package designator (often referring to a specific thin-shrink or small-outline package). * **R:** Tape and Reel packaging (for automated SMT assembly).
    ✨ Follow-up Questions
    • ⤷ What is the exact propagation delay for the M60018LVCK-R at 3.3V?
    • ⤷ Which manufacturer currently produces this specific part number?
    • ⤷ Can this component be used for 5V to 3.3V level shifting?