データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M60018LVD-R

  • AI
    ## Overview of the M60018LVD-R The **M60018LVD-R** is a specialized electronic component, typically categorized as a **Low Voltage Differential (LVD) SCSI Terminator** or a high-speed signal management integrated circuit (IC). It is primarily used in legacy high-performance computing systems and industrial server hardware to manage signal integrity in data buses. --- ### Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | LVD SCSI Terminator / Active Terminator | | **Operating Voltage** | Typically 2.85V to 5.25V | | **Data Protocol** | Ultra2, Ultra3 (Ultra160), and Ultra320 SCSI | | **Package Type** | LQFP (Low-profile Quad Flat Package) or SOP | | **Lead Finish** | RoHS Compliant (indicated by the -R suffix) | | **Pin Count** | Commonly 48 or 64 pins depending on specific variant | --- ### Key Features and Functionality 1. **Signal Conditioning**: The chip is designed to prevent signal reflections on long data cables. By providing a matched impedance, it ensures that high-speed data pulses do not "bounce back" and cause data corruption. 2. **LVD Support**: Unlike older Single-Ended (SE) terminators, this part supports Low Voltage Differential signaling, which allows for much higher data transfer speeds and longer cable lengths with lower power consumption. 3. **Multimode Operation**: Many chips in this series are capable of switching between SE and LVD modes automatically based on the detected signal levels on the bus. 4. **Thermal Management**: The "-R" variant usually indicates improved thermal characteristics or RoHS (Restriction of Hazardous Substances) compliance for modern manufacturing standards. --- ### Common Applications * **Legacy Server Maintenance**: Used in the repair and maintenance of enterprise-grade servers from the late 90s and early 2000s. * **Industrial Automation**: Employed in controllers that utilize SCSI interfaces for high-reliability disk arrays. * **Workstations**: Found in specialized graphics or audio workstations that require high-speed parallel bus communication. --- ### Pin Configuration Categories | Group | Function | | :--- | :--- | | **TERMPWR** | Termination Power pins providing the voltage source for the bus resistors. | | **DIFFSENS** | Differential Sense pin used to detect the bus type (SE vs LVD). | | **Data Lines** | Connection points for the various SCSI data and control lines. | | **GND** | Grounding pins for noise reduction and electrical stability. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between SE and LVD SCSI termination in this chip?
    • ⤷ Can the M60018LVD-R be replaced by a newer digital isolator?
    • ⤷ What are the specific soldering requirements for the LQFP package version of this part?